Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 22 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments THS3095D Datasheet HTML 24Page - Texas Instruments THS3095D Datasheet HTML 25Page - Texas Instruments THS3095D Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
9.2.2 Detailed Design Procedure
In addition to providing higher output current drive to the load, the load sharing configuration can also provide
improved distortion performance. In many cases, an operational amplifier shows better distortion performance
as the load current decreases (that is, for higher resistive loads) until the feedback resistor starts to dominate
the current load. In a load sharing configuration of N amplifiers in parallel, the equivalent current load that each
amplifier drives is 1/N times the total load current.
As shown in Figure 9-1 for example, in a two-amplifier load sharing configuration with matching resistance
driving a resistive load (RL), each series resistance is 2×RL and each amplifier drives 2×RL. A convenient
indicator of whether an op amp will function well in a load sharing configuration is the characteristic performance
graph of harmonic distortion versus load resistance. Figure 7-9 and Figure 7-10 show more information. Such
graphs can be found in most of TI’s high-speed amplifier data sheets. These graphs can be used to obtain
a general sense of whether or not an amplifier will show improved distortion performance in load sharing
configurations.
Figure 9-1 shows two test circuits: one for a single THS3091 amplifier driving a double-terminated (50-Ω cable),
and one with two THS3091 amplifiers in a load sharing configuration. In the load sharing configuration, the two
100-Ω series output resistors act in parallel to provide 50-Ω back-matching to the 50-Ω cable.
Figure 9-2 and Figure 9-3 show the 32-MHz, 18-VPP sine wave output amplitudes for the single THS3091
configuration and the load sharing configuration, respectively, measured using an oscilloscope. An ideal sine
wave is also included as a visual reference (the dashed red line). Figure 9-2 shows visible distortion in the single
THS3091 output. In the load sharing configuration of Figure 9-3, however, no obvious degradation is visible.
Figure 9-4 and Figure 9-5 show the 64-MHz sine wave outputs of the two configurations from Figure 9-1. While
the single THS3091 output is clearly distorted in Figure 9-4, the output of the load sharing configuration in Figure
9-5 shows only minor deviations from the ideal sine wave.
9.2.3 Application Curves
15
10
5
0
5
10
15
–
–
–
0
10
20
30
40
50
Time (ns)
Figure 9-2. 32-MHz Sine Wave Output (Gain = 5 V/V,
Signal Amplitude Referred to Amplifier Output),
Single THS3091 Circuit Configuration
0
10
20
30
40
50
15
10
5
0
5
10
15
–
–
–
Time (ns)
Figure 9-3. 32-MHz Sine Wave Output (Gain =
5 V/V, Signal Amplitude Referred to Amplifier
Output), Two THS3091 Amplifiers in Load Sharing
Configuration
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com