Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 23 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments THS3095D Datasheet HTML 24Page - Texas Instruments THS3095D Datasheet HTML 25Page - Texas Instruments THS3095D Datasheet HTML 26Page - Texas Instruments THS3095D Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
0
5
10
15
20
25
15
10
5
0
5
10
15
–
–
–
Time (ns)
Figure 9-4. 64-MHz Sine Wave Output (Gain = 5 V/V,
Signal Amplitude Referred to Amplifier Output),
Single THS3091 Circuit Configuration
0
5
10
15
20
25
15
10
5
0
5
10
15
–
–
–
Time (ns)
Figure 9-5. 64-MHz Sine Wave Output (Gain =
5 V/V, Signal Amplitude Referred to Amplifier
Output), Two THS3091 Amplifiers in Load Sharing
Configuration
9.3 Power Supply Recommendations
The THS3091 operates using a single or dual supply as long as the input CM voltage range (CMIR) has the
required headroom to either supply rail. Operating from a single supply has numerous advantages. With the
negative supply at ground, the dc errors due to the –PSRR term are minimized. Decouple the supplies with
low-inductance, ceramic capacitors to ground less than 0.5 inches from the device pins. The use of a ground
plane is recommended; as in most high-speed devices, remove the ground plane near device sensitive pins
such as the inputs. For split-supply operation, an optional supply decoupling capacitor across the two power
supplies improves second harmonic distortion performance.
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com