Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 6 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 2Page - Texas Instruments THS3095D Datasheet HTML 3Page - Texas Instruments THS3095D Datasheet HTML 4Page - Texas Instruments THS3095D Datasheet HTML 5Page - Texas Instruments THS3095D Datasheet HTML 6Page - Texas Instruments THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments THS3095D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
7.5 Electrical Characteristics: VS = ±15 V
at TA ≅ 25°C, RF = 1.21 kΩ, RL = 100 Ω, and G = 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
Small-signal bandwidth, –3 dB
G = 1, RF = 1.78 kΩ,
VO = 200 mVPP
DDA package
715
MHz
DGN package
600
G = 2, RF = 1.21 kΩ, VO = 200 mVPP
305
G = 5, RF = 1 kΩ, VO = 200 mVPP
205
G = 10, RF = 866 Ω, VO = 200 mVPP
190
0.1-dB bandwidth flatness
VO = 200 mVPP
95
MHz
Large-signal bandwidth
G = 5, RF = 1 kΩ , VO = 4 VPP
135
MHz
Slew rate (10% to 90% level)
G = 2, VO = 10-V step, RF = 1.21 kΩ
3600
V/μs
G = 5, VO = 20-V step, RF = 1 kΩ
6000
Rise and fall time
VO = 5 VPP
2
ns
Settling time
G = –2, VO = 2-VPP step
to 0.1%
12.5
ns
to 0.01%
18.5
HARMONIC DISTORTION
2nd harmonic distortion
VO = 2 VPP, f = 10 MHz
RL = 100Ω
72
dBc
RL = 1 kΩ
84
3rd harmonic distortion
VO = 2 VPP, f = 10 MHz
RL = 100 Ω
70
dBc
RL = 1 kΩ
99
Input voltage noise
f > 10 kHz
1.1
nV/√Hz
Noninverting input current noise
f > 10 kHz
15
pA/√Hz
Inverting input current noise
f > 10 kHz
14
pA/√Hz
DC PERFORMANCE
Open-loop transimpedance
VO = ±7.5 V, G = 1
TA = 25°C
350
1800
kΩ
TA = –40°C to +85°C
300
Input offset voltage
VCM = 0 V
TA = 25°C
0.9
3
mV
TA = –40°C to +85°C
5
Noninverting input bias current
VCM = 0 V
TA = 25°C
4
15
μA
TA = –40°C to +85°C
20
Inverting input bias current
VCM = 0 V
TA = 25°C
3.5
15
μA
TA = –40°C to +85°C
25
Input offset current
VCM = 0 V
TA = 25°C
1.7
20
μA
TA = –40°C to +85°C
30
Average offset voltage drift
VCM = 0 V, TA = –40°C to +85°C
±19
μV/°C
Average noninverting bias current drift
VCM = 0 V, TA = –40°C to +85°C
±20
nA/°C
Average inverting bias current drift
VCM = 0 V, TA = –40°C to +85°C
±80
nA/°C
Average offset current drift
VCM = 0 V, TA = –40°C to +85°C
±80
nA/°C
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com