Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 40 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 40 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 36Page - Texas Instruments THS3095D Datasheet HTML 37Page - Texas Instruments THS3095D Datasheet HTML 38Page - Texas Instruments THS3095D Datasheet HTML 39Page - Texas Instruments THS3095D Datasheet HTML 40Page - Texas Instruments THS3095D Datasheet HTML 41Page - Texas Instruments THS3095D Datasheet HTML 42Page - Texas Instruments THS3095D Datasheet HTML 43Page - Texas Instruments THS3095D Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
www.ti.com
PACKAGE OUTLINE
C
6.2
5.8
TYP
1.7 MAX
6X 1.27
8X
0.51
0.31
2X
3.81
0.25
0.10
TYP
0 - 8
0.15
0.00
2.71
2.11
3.4
2.8
4X (0 -10 )
0.25
GAGE PLANE
1.27
0.40
A
5.0
4.8
NOTE 3
B
4.0
3.8
4214849/B 09/2025
PowerPAD
SOIC - 1.7 mm max height
DDA0008B
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MS-012.
PowerPAD is a trademark of Texas Instruments.
TM
1
8
0.25
C A B
5
4
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
EXPOSED
THERMAL PAD
4
1
5
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com