Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 17 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 13Page - Texas Instruments THS3095D Datasheet HTML 14Page - Texas Instruments THS3095D Datasheet HTML 15Page - Texas Instruments THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
7.8 Typical Characteristics: ±5 V (continued)
at TA ≅ 25°C, VS = ±5 V, RF = 1.15 kΩ, G = +2 V/V, and RL = 100 Ω (unless otherwise noted)
VOUT (VPP)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
500
750
1000
1250
1500
1750
2000
2250
2500
Falling
Rising
G = 1 V/V, RF = 1.78 kΩ
Figure 7-38. Slew Rate vs Output Voltage Step
Rload (Ohm)
10
100
1000
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Sourcing
Sinking
.
Figure 7-39. Output Voltage vs Load Resistance
.
Figure 7-40. Input Bias and Offset Current vs Case Temperature
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com