Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 18 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 14Page - Texas Instruments THS3095D Datasheet HTML 15Page - Texas Instruments THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
8 Detailed Description
8.1 Overview
The THS3091 and THS3095 (THS309x) are high-voltage, low-distortion, high-speed, current feedback
amplifiers. The THS309x are designed to operate over a wide supply range of ±5 V to ±16 V for applications
requiring large, linear output swings, such as arbitrary waveform generators.
The THS3095 also features a power-down pin that puts the amplifier into a low-power standby mode, and lowers
the quiescent current from 9.5 mA to 500 µA.
8.2 Functional Block Diagram
ZIN–
(s)
ZOL(s) × Ierr
RF
RG
VIN+
VIN–
VSIG
VREF
+
–
(1 + RF / RG) × VSIG
VREF
VREF
Ierr
VOUT
AV = VO / VIN+ = 1 + (RF / RG)
THS3091
8.3 Feature Description
8.3.1 Power-Down and Reference Pins Functionality
The THS3095 features a power-down pin (PD) designed to reduce system power that lowers the quiescent
current from 9.5 mA down to 500 μA. The THS3095 also features a reference pin (REF) that allows the user to
control the enable or disable power-down voltage levels applied to the PD pin.
The power-down pin of the amplifier defaults to the positive supply voltage in the absence of an applied voltage,
putting the amplifier in the power-on mode of operation. Driving the power-down pin towards the negative rail will
turn off the amplifier and conserve power The following equations show the relationship between the reference
voltage and the power-down thresholds:
PD
≤ REF + 0.8 V for disable
(1)
PD
≤ REF + 2.0 V for enable
(2)
where the usable range at the REF pin is:
 VS− ≤ VREF ≤ VS+− 4 V
(3)
The recommended mode of operation is to tie the REF pin to midrail, thus setting the disable or enable
thresholds to the following equations:
 Vmidrail + 0.8 V
(4)
 Vmidrail + 2 V
(5)
Power-Down mode is not intended to provide a high-impedance output. In other words, the power-down
functionality is not intended to allow use as a tri-state bus driver. When in Power-Down mode, the impedance at
the output of the amplifier is dominated by the feedback and gain-setting resistors, but the output impedance of
the device varies depending on the voltage applied to the outputs.
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com