Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 21 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments THS3095D Datasheet HTML 24Page - Texas Instruments THS3095D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.2 Typical Application
The fundamental concept of load sharing is to drive a load using two or more of the same operational amplifiers.
Each amplifier is driven by the same source. Figure 9-1 illustrates the schematic for this design. This concept
effectively reduces the current load of each amplifier by 1/N, where N is the number of amplifiers. For further
details on the design and performance of this circuit, see the Reference Design for Implementation of the Load
Sharing Concept for Large-Signal Applications.
R
50 W
LOAD
R
50 W
SOURCE
R
100 W
S1
R
100 W
S2
R
100 W
T1
R
100 W
T2
THS3091
U1
THS3091
U2
V-
V-
V-
V+
V+
V+
+
+
V
OUT
TL1
Characteristic
Impedance
50 W
V
15 V
1
V
15 V
-
2
R
1 kW
F
R
50 W
LOAD
R
250 W
G
R
50 W
SOURCE
R
50 W
S
R
50 W
T
THS3091
U3
V-
V+
V
OUT
TL2
Characteristic
Impedance
50 W
V
IN
V
IN
R
1 kW
F1
R
250 W
G1
R
1 kW
F2
R
250 W
G2
Figure 9-1. Reference THS3091 and THS3091 Load Sharing Test Configurations
9.2.1 Design Requirements
Use two THS3091 amplifiers in a parallel load-sharing circuit to improve distortion performance.
Table 9-1. Design Parameters
DESIGN PARAMETER
VALUE
VOPP
20 V
RLOAD
100 Ω
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com