Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 5 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 5 Page - Texas Instruments

  THS3095D Datasheet HTML 1Page - Texas Instruments THS3095D Datasheet HTML 2Page - Texas Instruments THS3095D Datasheet HTML 3Page - Texas Instruments THS3095D Datasheet HTML 4Page - Texas Instruments THS3095D Datasheet HTML 5Page - Texas Instruments THS3095D Datasheet HTML 6Page - Texas Instruments THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
33
V
VI
Input voltage
±VS
V
VID
Differential input voltage
±4
V
IO
Output current
350
mA
TJ (2)
Junction temperature
Maximum
150
°C
Continuous operation, long-term
reliability
125
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature can
result in reduced reliability, reduced lifetime of the device, or both.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
Dual supply
±5
±15
±16
V
Single supply
10
30
32
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
THERMAL METRIC(1)
THS309x
THS3091
UNIT
DDA (SO PowerPAD)
DGN (HVSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
58.4
60.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72.0
87.2
°C/W
RθJB
Junction-to-board thermal resistance
32.6
32.6
°C/W
ψJT
Junction-to-top characterization parameter
13.2
7.8
°C/W
ψJB
Junction-to-board characterization parameter
32.5
32.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
17.1
17.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com