Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3095D Datasheet(PDF) 3 Page - Texas Instruments

Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095D Datasheet(HTML) 3 Page - Texas Instruments

  THS3095D Datasheet HTML 1Page - Texas Instruments THS3095D Datasheet HTML 2Page - Texas Instruments THS3095D Datasheet HTML 3Page - Texas Instruments THS3095D Datasheet HTML 4Page - Texas Instruments THS3095D Datasheet HTML 5Page - Texas Instruments THS3095D Datasheet HTML 6Page - Texas Instruments THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
• Updated input voltage noise specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated input current noise specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Removed differential gain and differential phase specifications from Electrical Characteristics: VS = ±15 V and
Electrical Characteristics: VS = ±5 V tables........................................................................................................6
• Updated transimpendance specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Removed specifications with TA = 0℃ to 70℃ test conditions in Electrical Characteristics: VS = ±15 V and
Electrical Characteristics: VS = ±5 V tables........................................................................................................ 6
• Updated max input voltage specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated max inverting input bias current specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated max input offset current drift specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated average offset voltage drift specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated average bias current drift specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated average offset current drift specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated common-mode rejection ratio specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated noninverting input resistance and capacitance specifications in Electrical Characteristics: VS = ±15 V
and Electrical Characteristics: VS = ±5 V tables................................................................................................. 6
• Updated output current specifications in Electrical Characteristics: VS = ±15 V and Electrical Characteristics:
VS = ±5 V tables..................................................................................................................................................6
• Removed specified operating voltage specifications from Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Updated power supply rejection specifications in Electrical Characteristics: VS = ±15 V and Electrical
Characteristics: VS = ±5 V tables........................................................................................................................6
• Changed Electrical Characteristics THS3095 to Electrical Characteristics: VS = ±5V .......................................8
• Removed Dissipation Ratings table..................................................................................................................10
• Updated Typical Characteristics (±15 V) section.............................................................................................. 10
• Updated Typical Characteristics: (±5 V) section............................................................................................... 16
• Updated Feature Description section............................................................................................................... 18
• Updated Device Functional Modes section...................................................................................................... 20
• Updated Application and Implementation section.............................................................................................21
• Updated Typical Application section................................................................................................................. 21
• Updated Layout section.................................................................................................................................... 24
Changes from Revision H (October 2015) to Revision I (December 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added the DGN package information to the data sheet.....................................................................................1
• Added the Device Comparison Table section..................................................................................................... 4
• Updated Thermal Information table.................................................................................................................... 5
www.ti.com
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com