Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8877D Datasheet (PDF) - Richtek Technology Corporation

RT8877D Datasheet PDF - Richtek Technology Corporation
Part # RT8877D
Download  RT8877D Download
File Size   538.78 Kbytes
Page   41 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual-Output PWM Controller for AMD SVI2 CPU Power Supply

RT8877D Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8877D Datasheet PDF - Richtek Technology Corporation

Part # RT8877D
Download  RT8877D Click to download

File Size   538.78 Kbytes
Page   41 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual-Output PWM Controller for AMD SVI2 CPU Power Supply

RT8877D Datasheet (HTML) - Richtek Technology Corporation


RT8877D Product details

General Description
The RT8877D is a 4 + 2 phases PWM controller, and is
compliant with AMD SVI2 Voltage Regulator Specification
to support both CPU core (VDD) and Northbridge portion
of the CPU (VDDNB). The RT8877D features CCRCOT
(Constant Current Ripple Constant On-Time) with the
G-NAVP (Green-Native AVP), which is Richtek's
proprietary topology. The G-NAVP makes it an easy setting
controller to meet all AMD AVP (Active Voltage Positioning)
VDD/VDDNB requirements. The droop is easily
programmed by setting the DC gain of the error amplifier.
With proper compensation, the load transient response
can achieve optimized AVP performance. The controller
also uses the interface to issue VOTF Complete and to
send digitally encoded voltage and current values for the
VDD and VDDNB domains. It can operate in single phase
and diode emulation mode and reach up to 90% efficiency
in different modes according to different loading conditions.
The RT8877D provides special purpose offset capabilities
by pin setting. The RT8877D also provides power good
indication, over-current indication (OCP_L) and dual OCP
mechanism for AMD SVI2 CPU core and NB. It also
features fault protection functions, including over-voltage,
under voltage and negative voltage protections.

Features
 4/3/2/1-Phase (VDD) + 2/1/0-Phase (VDDNB) PWM
Controller
 G-NAVPTM Topology
 Support Dynamic Load-Line and Zero Load-Line
 Diode Emulation Mode at Light Load Condition
 SVI2 Interface to Comply AMD Power Management
Protocol
 Build-in ADC for VOUT and IOUT Reporting
 Immediate OV, UV and NV Protections and UVLO
 Programmable Dual OCP Mechanism
 0.5% DAC Accuracy
 Fast Transient Response
 Power Good Indicator
 Over-Current Indicator
 52-Lead WQFN Package
 RoHS Compliant and Halogen Free

Applications
 AMD SVI2 CPU
 Desktop Computer




Similar Part No. - RT8877D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8877C RICHTEK-RT8877C Datasheet
687Kb / 38P
Dual-Output PWM Controller for AMD SVI2 CPU Power Supply
More results


Similar Description - RT8877D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8877C RICHTEK-RT8877C Datasheet
687Kb / 38P
Dual-Output PWM Controller for AMD SVI2 CPU Power Supply
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
logo
Renesas Technology Corp
ISL62776 RENESAS-ISL62776 Datasheet
774Kb / 50P
Multiphase PWM Regulator for AMD CPUs Using SVI2
Oct.8.20
logo
Richtek Technology Corp...
RT3624LE RICHTEK-RT3624LE Datasheet
1Mb / 48P
Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
April 2022
RT3662EB RICHTEK-RT3662EB Datasheet
1Mb / 28P
Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
August 2019
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT3678BE RICHTEK-RT3678BE Datasheet
2Mb / 93P
Dual Channel PWM Controller with I2C Interface Control for AMD SVI3 CPU/GPU Core Power Supply
March 2023
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com