Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet (PDF) - List of Unclassifed Manufacturers

PHAT-RV Datasheet PDF - List of Unclassifed Manufacturers
Part # PHAT-RV
Download  PHAT-RV Download
File Size   1247.47 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PHAT-RV TECHNICAL DESCRIPTION

PHAT-RV Datasheet (PDF)

Go To PDF Page Download Datasheet
PHAT-RV Datasheet PDF - List of Unclassifed Manufacturers

Part # PHAT-RV
Download  PHAT-RV Click to download

File Size   1247.47 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PHAT-RV TECHNICAL DESCRIPTION

PHAT-RV Datasheet (HTML) - List of Unclassifed Manufacturers


PHAT-RV Product details

2.1 General Description
The Designer Systems pHAT-RV is a fully featured remote vehicle driver solution with four [4]
unipolar stepper motor drivers, four [4] servo motor drivers and Lithium battery power
control features. Specifically designed for the Raspberry-Pi Zero (other Raspberry-Pi boards
fully supported) the pHAT-RV features Lithium battery power regulation, a battery charging
system and high speed I2C communication for easy project integration.
pHAT-RV supports the majority of analogue servos and unipolar stepper motors (selectable 1
or 2 phase) and also provides global activation of new motor positions & movement complete
registers for superior control. Motors can be fully speed controlled, reversed, started/stopped
and stepper motors stepped with up to 65535 steps.
pHAT-RV provides a 5V @ 1A power supply (link selectable) to power the connected R-Pi Zero
and features an on-board Lithium Polymer charge controller that can charge the battery at 1A
(2000mAh min capacity) from an external 9-12VDC power adaptor (not supplied).
Due to compact form factor, ultra-low power consumption and extended temperature range,
pHAT-RV is a best choice for a wide range of robotic applications.
The module fully complies with the RoHS directive of the European Union

2.2 Key Features
The following table describes the key features of the pHAT-RV.
Table 1: Key Features
Features Details
Servo motor 4 x Analogue (standard)
Servo Voltage 6.0 ~ 7.4V
Servo Power 2 Amps (stalled)
Servo Control
 Enable/Disable/Reverse
 Soft Start
 Position with speed control
 Position complete flag
Servo Connection 4 x 3pin header (standard)
Stepper motor 4 x Unipolar stepper
Stepper Voltage 5.0 ~ 7.4V
Stepper Power 600mA per phase max.
Stepper Control
 Enable/Disable/Reverse/Stop with/without holding torque
 Full/half step selection
 Continuous step with speed control
 Step 1-65535 with speed control
Stepper Connection 4 x 5pin JST ZHR 1.5mm pitch
Lithium Battery Voltage 7.4VDC nom.
Lithium Battery Capacity 2000mA/h (2A/h) min.
Lithium Battery Charge 1A @ 8.4V max.
R-Pi Output Voltage 5.0VDC ± 0.1V
R-Pi Output Power 1A max.
I2C Speed 400kHz max.
Environmental Operating Temperature -10℃ to 50℃
Dimensions 65 x 30 x 8.5mm
Weight 14g approx.

3 Application
3.1 Stepper Motor Connection
The stepper motor connections are marked ‘MOTOR 1’ to ‘MOTOR 4’ and consist of a five (5)
pin JST ZHR 1.5mm pitch connector, see section 3.4.3 for pinning.
This connection is standard for most 24mmD stepper motors, such as the DS-STMOT1, but
there is also a pre-made 200mm JST ZHR cable available, DS-STCAB1, and the JST ZHR mating
receptacle and pins are also available from Farnell electronics as items 2078162 and 1830898
respectively.
Most unipolar stepper motor phases are wired as follows:
It is recommended that you double check your motor phase connections before power
application. Six wire stepper motors are also supported by connecting the two centre taps
both to MOTOR +.
3.2 Servo Motor Connection
The servo motor connections are marked ‘SERVOS’ from 1 to 4 and consist of three pins
marked ‘GND’, ‘V+’ and ‘SV’. Analogue servos should be connected to these pins, noting
polarity, BLACK is normally GND, see section 3.4.4 for pinning.
3.3 Raspberry-Pi Board Support
The RV supports all of the current Raspberry-Pi board versions. However, when powering a
Raspberry-Pi from the RV there is a 1A power limitation on the 5V supply from the RV. This
means that some Raspberry-Pi boards such as the newer Model 3 B & B+ may struggle to
operate correctly especially when other peripherals such as USB keyboards/mice/drives are
connected. The RV is not designed for these types of applications and the 5V supply will shutdown
if overloaded.
3.4 Operation
When the Lithium Battery is connected to the XT60 connector 5V power will be delivered to
the connected Raspberry-Pi board and it will boot normally.




Similar Part No. - PHAT-RV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHAT-GPM ETC-PHAT-GPM Datasheet
1Mb / 23P
SHLD-GPM TECHNICAL DESCRIPTION
7th May 2019
PHAT-GSM ETC-PHAT-GSM Datasheet
1Mb / 22P
PHAT-GSM TECHNICAL DESCRIPTION
20th September 2019
PHAT-HIFI ETC-PHAT-HIFI Datasheet
1Mb / 2P
32bit DAC and 1212Watt Digital Audio Module
PHAT-NBIOT ETC-PHAT-NBIOT Datasheet
952Kb / 2P
LTE Cat NB1 modem module
More results


Similar Description - PHAT-RV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5707NS PANASONIC-AN5707NS Datasheet
392Kb / 6P
RV ELECTRONIC TUNER-CONTROL IC
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
120V RV SURGE SUPPRESSOR
logo
ISOCOM COMPONENTS
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
DESCRIPTION
logo
Sharma Electro Componen...
RV SHARMA-RV Datasheet
351Kb / 2P
RV Series
logo
PHOENIX CONTACT
3191217 PHOENIX-3191217 Datasheet
40Kb / 1P
RV 8-TP(2,4X0,8)Q
3191330 PHOENIX-3191330 Datasheet
92Kb / 2P
KZMP-RV 8:1-8
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
logo
List of Unclassifed Man...
GE1LU032SS ETC-GE1LU032SS Datasheet
407Kb / 4P
GE RV park power equipment
logo
Sensirion AG Switzerlan...
SEK-SVM4X SENSIRION-SEK-SVM4X Datasheet
510Kb / 12P
Technical Description SEK-SVM4x
version 1.2 - January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com