Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 8 of 27
2.2 Key Features
The following table describes the key features of the pHAT-RV.
Table 1: Key Features
Features
Details
Servo motor
4 x Analogue (standard)
Servo Voltage
6.0 ~ 7.4V
Servo Power
2 Amps (stalled)
Servo Control
Enable/Disable/Reverse
Soft Start
Position with speed control
Position complete flag
Servo Connection
4 x 3pin header (standard)
Stepper motor
4 x Unipolar stepper
Stepper Voltage
5.0 ~ 7.4V
Stepper Power
600mA per phase max.
Stepper Control
Enable/Disable/Reverse/Stop with/without holding torque
Full/half step selection
Continuous step with speed control
Step 1-65535 with speed control
Stepper Connection
4 x 5pin JST ZHR 1.5mm pitch
Lithium Battery Voltage
7.4VDC nom.
Lithium Battery Capacity
2000mA/h (2A/h) min.
Lithium Battery Charge
1A @ 8.4V max.
R-Pi Output Voltage
5.0VDC ± 0.1V
R-Pi Output Power
1A max.
I
2C Speed
400kHz max.
Environmental
Operating Temperature -10℃ to 50℃
Dimensions
65 x 30 x 8.5mm
Weight
14g approx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com