Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 14Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 15Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 16Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 17Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 18Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 19Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 16 of 27
Register name
Type
Register address
Description
Hex
Binary
Stepper 4 control
w
0D
00001101
Stepper motor 3 control
U
U U
E
D
C
B
A
A = Operate (0 - Stepper disabled 1
- Stepper enabled)
B = Reverse (0 - Stepper normal 1 -
Stepper reversed)
C = Rotate (0 - Single step 1 -
Constant rotation)
D = Step (0 - Normal step 1 - Half
step)
E = Hold (0 - No hold on stop 1 -
Hold on stop)
U = Unused
Stepper 4 steps MSB
w
0E
00001110
Number of steps MSB
Stepper 4 steps LSB
w
0F
00001111
Number of steps LSB
Stepper 4 speed
w
10
00010000
Step speed in quarter mS
(0.25mS)
Servo 1 position
w
11
00010001
Servo position (8uS resolution)
Servo 1 control
w
12
00010010
Servo 1 control
A
B
C
D
S
S
S
S
A = Operate (0 – Servo disabled 1 –
Servo enabled)
B = Reverse (0 – Servo normal 1 –
Servo reversed)
C = Soft-start control (0 – Disabled
1 – Enabled)
D = Speed control (0 – Disabled 1 –
Enabled)
S..S = Servo speed value 0 to 15 (0
= slowest)
Servo 2 position
w
13
00010011
Servo position (8uS resolution)
Servo 2 control
w
14
00010100
Servo 2 control
A
B
C
D
S
S
S
S
A = Operate (0 – Servo disabled 1 –
Servo enabled)
B = Reverse (0 – Servo normal 1 –
Servo reversed)
C = Soft-start control (0 – Disabled
1 – Enabled)
D = Speed control (0 – Disabled 1 –
Enabled)
S..S = Servo speed value 0 to 15 (0
= slowest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com