Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 14Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 15Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 16Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 13 of 27
3.7 I
2C Interface
3.7.1 I
2C Interface Pins
The RV provides I
2C data (SDA) and clock (SCL) connections on the 20+20 header that connect
to the SDA and SCL on the Raspberry-Pi board. The table below describes the module I
2C pins.
Table 3: I
2C Interface Pins
Pin Name
Pin No
I/O
Description
Comment
SDA
3
DIO
I2C Data
3.3V level
SCL
5
CO
I2C Clock
3.3V level
The RV does NOT have I
2C pullups but relies on the pullups present on the Raspberry-Pi board.
When not connecting to a Raspberry-Pi board external pullups of 4.7Kohms should be
connected on SDA and SCL to a 3.3V supply.
3.7.2 I
2C Communication
Up to four RV modules may be connected to the same Raspberry-Pi board or I
2C bus and
accessed individually using their own individual address.
The following table shows how the pads are soldered for the different binary addresses.
Table 4: I
2C Address Settings
Address (xx)
A0
A1
00
OPEN
OPEN
01
SHORT
OPEN
10
OPEN
SHORT
11
SHORT
SHORT
The binary address (xx) above is used in conjunction with the device ID 11101xxD (0xE8hex) to
form the complete device address i.e. if both jumpers are left unconnected (default) then the
device address would be 1110100Dbinary.
The ‘D’ bit determines if a read or a write to the RV is to be performed. If the ‘D’ bit is set ‘1’
then a register read is performed or if clear ‘0’ a register write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com