Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 16Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 17Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 18Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 19Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 20Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 21Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 22Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 23Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 20 of 27
3.7.6 I
2C Servo Control Register Format
Each servo control register consists of four control bits and a four bit speed control value
defined as follows:
Table 8: I
2C Servo Control Register Format
Bit
Bit value
Function
Description
A
128 (0x80)
Operate bit
When set activates the servo being
controlled
B
64 (0x40)
Reverse bit
When set reverses the position value for
the servo being controlled
C
32 (0x20)
SoftStart bit
When set on servo first activation, see
operate bit above, feeds position pulses to
the servo in a ramping manner until
position is attained
D
16 (0x10)
Speed bit
When set applies the speed value 0 to 15
SSSS
0 – 15 (0x00 –
0x0F)
Speed value
Speed value 0 to 15
3.7.7 I
2C Servo Status Register Format
Each servo status register consists of four status bits defined as follows:
Table 9: I
2C Servo Status Register Format
Bit
Bit value
Function
Description
A
128 (0x80)
Operation bit
Set when servo is operational
B
64 (0x40)
Reverse bit
Set when servo is in reverse operation
C
32 (0x20)
SoftStart bit
Set when SoftStart is in operation
D
16 (0x10)
Movement bit
Set when servo movement is in-progress
3.7.8 Servo Movement Complete Determination
Servo status register Bit (D) 16decimal are cleared to indicate if the current servo movement has
completed.
This indication is not derived from mechanical or electrical feedback from the servo being
controlled but is a function of the current servo speed selected and position.
When the slowest servo speed (0) is selected the determination of movement completion is
at its best. This is because the positional change of the servo between its current and final
position has been split into many sub-positions which must be attained before the final



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com