Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 15Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 16Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 17Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 18Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 19Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 20Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 21Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 22Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 19 of 27
Register name
Type
Register address
Description
Hex
Binary
Firmware version
r
08
01001000
Firmware (Bit 0-3 = minor
version, Bit 4-5 = major version)
3.7.4 I
2C Stepper Control Register Format
Each stepper control register consists of five control bits defined as follows:
Table 6: I
2C Stepper Control Register Format
Bit
Bit value
Function
Description
A
1 (0x01)
Operate bit
When set activates the stepper motor being
controlled
B
2 (0x02)
Reverse bit
When set reverses the direction of the
stepper motor being controlled
C
4 (0x04)
Rotate bit
When set makes the stepper motor
constantly rotate rather than step the
number of steps defined in the step number
register
D
8 (0x08)
Step bit
When set allows the stepper motor to be
configured for half-step rather than full step
operation
E
16 (0x10)
Hold bit
When set the stepper motor will hold its
position (holding torque) once the number
of steps have been made rather than go
free (no holding torque).
3.7.5 I
2C Stepper Status Register Format
Each stepper status register consists of one status bit defined as follows:
Table 7: I
2C Stepper Status Register Format
Bit
Bit value
Function
Description
A
128 (0x80)
Movement bit
Set when stepper movement is in-progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com