Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 18Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 19Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 20Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 21Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 22Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 23Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 24Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 25Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 22 of 27
4 Electrical Characteristics
4.1 Absolute Maximum Ratings
Absolute maximum ratings for power supply and voltage on digital pins of the module are
listed in the following table
.
Table 10: Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
Lithium Battery Voltage (V+)
-0.3
12.0
V
Input Voltage on SDA and SCL
-0.3
3.6
V
5V Output Current
1.2
A
Storage temperature
-20
85
oC
4.2 Operating Conditions
Normal operational conditions are listed in the following table
.
Table 11: Normal Operating Conditions
Parameter
Min.
Typ.
Max.
Unit
Lithium Battery Voltage (V+)
6.0
7.4
9.0
V
Input voltage on SDA and SCL
3.3
V
5V Output Current
200
1000
mA
Lithium Battery Charge Current
1.0
A
Peak Lithium Battery Current
3
A
Stepper Motor Phase Current
600
mA
Operating Temperature
-10
25
50
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com