Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 7 of 27
2 Product Concept
2.1 General Description
The Designer Systems pHAT-RV is a fully featured remote vehicle driver solution with four [4]
unipolar stepper motor drivers, four [4] servo motor drivers and Lithium battery power
control features. Specifically designed for the Raspberry-Pi Zero (other Raspberry-Pi boards
fully supported) the pHAT-RV features Lithium battery power regulation, a battery charging
system and high speed I2C communication for easy project integration.
pHAT-RV supports the majority of analogue servos and unipolar stepper motors (selectable 1
or 2 phase) and also provides global activation of new motor positions & movement complete
registers for superior control. Motors can be fully speed controlled, reversed, started/stopped
and stepper motors stepped with up to 65535 steps.
pHAT-RV provides a 5V @ 1A power supply (link selectable) to power the connected R-Pi Zero
and features an on-board Lithium Polymer charge controller that can charge the battery at 1A
(2000mAh min capacity) from an external 9-12VDC power adaptor (not supplied).
Due to compact form factor, ultra-low power consumption and extended temperature range,
pHAT-RV is a best choice for a wide range of robotic applications.
The module fully complies with the RoHS directive of the European Union



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com