Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 10 of 27
3.5 Pin Assignment
3.5.1 Raspberry-Pi Header
The RV module connects to the Raspberry-Pi 40pin header, pinout as follows:
3.5.2 Lithium Battery Dean XT60 Socket
The Lithium Battery input connector is a Deans XT60 socket, pinout as follows:
3.5.3 Stepper Motor Header
The 4 x Stepper motor headers are 5way JST ZHR 1.5mm pitch, pinout as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com