Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 14Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 15Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 12 of 27
3.6 Power Supply
3.6.1 Lithium Battery
The RV provides a Deans XT60 socket to connect to a 7.4V Lithium-Ion battery pack with a
minimum capacity of 2000mA/h (2A/h).
WARNING: A Lithium-Ion or Lithium-Polymer battery is capable of
delivering very high levels of power to the servo and stepper motors.
This can cause a significant amount of heat to be generated in the
motor which may cause the motor to fail if the motor is stalled.
To help to prevent motor damage fuse resistors R1, R4 and R5 have been included that will go
open circuit if significant levels of current are drawn by the motors. These can be replaced
with zero ohm (0R0) 0805 size resistors if damaged
3.6.2 Charger Input
The Charger Input requires a 9.0 ~ 12VDC @ 2Amp min. supply from an external power
adaptor to charger the Lithium-Ion battery. NOTE: Charging should be undertaken during no
motor activity for best results.
3.6.3 Raspberry-Pi Power
The RV provides a 5.0V supply output to provide the Raspberry-Pi board with power. The
table below describes the module output supply and ground pins.
Table 2: Power Supply Pins
Pin Name
Pin No
Description
Min
Typ.
Max
Unit
5V
2, 4
Power Supply
Output @ 1A
5.0
V
Ground
6,9,14,20,
25,30,34,
39
Power Ground
If Raspberry-Pi power is not required jumper link JP1 may be removed with a soldering iron.
Note however that this will invalidate the warranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com