Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAT-RV Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PHAT-RV
Description  PHAT-RV TECHNICAL DESCRIPTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHAT-RV Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PHAT-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAT-RV Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
pHAT Module Series
pHAT-RV Technical Description
pHAT-RV Technical Description
Page 9 of 27
3 Application
3.1 Stepper Motor Connection
The stepper motor connections are marked ‘MOTOR 1’ to ‘MOTOR 4’ and consist of a five (5)
pin JST ZHR 1.5mm pitch connector, see section 3.4.3 for pinning.
This connection is standard for most 24mmD stepper motors, such as the DS-STMOT1, but
there is also a pre-made 200mm JST ZHR cable available, DS-STCAB1, and the JST ZHR mating
receptacle and pins are also available from Farnell electronics as items 2078162 and 1830898
respectively.
Most unipolar stepper motor phases are wired as follows:
It is recommended that you double check your motor phase connections before power
application. Six wire stepper motors are also supported by connecting the two centre taps
both to MOTOR +.
3.2 Servo Motor Connection
The servo motor connections are marked ‘SERVOS’ from 1 to 4 and consist of three pins
marked ‘GND’, ‘V+’ and ‘SV’. Analogue servos should be connected to these pins, noting
polarity, BLACK is normally GND, see section 3.4.4 for pinning.
3.3 Raspberry-Pi Board Support
The RV supports all of the current Raspberry-Pi board versions. However, when powering a
Raspberry-Pi from the RV there is a 1A power limitation on the 5V supply from the RV. This
means that some Raspberry-Pi boards such as the newer Model 3 B & B+ may struggle to
operate correctly especially when other peripherals such as USB keyboards/mice/drives are
connected. The RV is not designed for these types of applications and the 5V supply will shut-
down if overloaded.
3.4 Operation
When the Lithium Battery is connected to the XT60 connector 5V power will be delivered to
the connected Raspberry-Pi board and it will boot normally.
A
A
B
B
MOTOR +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com