Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet (PDF) - Texas Instruments

INA849 Datasheet PDF - Texas Instruments
Part # INA849
Download  INA849 Download
File Size   3711.29 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier

INA849 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA849 Datasheet PDF - Texas Instruments

Part # INA849
Download  INA849 Click to download

File Size   3711.29 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier

INA849 Datasheet (HTML) - Texas Instruments


INA849 Product details

1 Features
• Eight pin-programmable decade (scope) gains
– G (V/V) = ½, 1, 2, 5, 10, 20, 50, and 100
• Fully differential outputs
• Output common-mode control
• Low gain error drift: ±2ppm/°C (maximum)
• Faster signal processing:
– Wide bandwidth: 6.2MHz (G < 10), 2.4MHz
(G = 50, 100)
– High slew rate: 45V/μs at all gains
– Settling time: 750ns to 0.01% (G < 20)
– Input stage noise: 8.8nV/√Hz at G > 10V/V
– Filter option to achieve better SNR
• Input overvoltage protection to ±40V beyond
supplies
• Input-stage supply range:
– Single supply: 9V to 36V
– Dual supply: ±4.5V to ±18V
• Independent output power-supply pins
• Output-stage supply range:
– Single supply: 4.5V to 36V
– Dual supply: ±2.25V to ±18V
• Specified temperature range: –40°C to +125°C
• Small package: 3mm × 3mm VQFN

2 Applications
• Factory automation and control
• Analog input module
• Data acquisition (DAQ)
• Test and measurement
• Parametric measurement unit (PMU)

3 Description
The PGA854 is a wide-bandwidth, high-voltage, lownoise
programmable gain instrumentation amplifier
with differential output. The PGA854 is equipped
with eight decade (scope) gain settings, from an
attenuating gain of 0.5V/V to a maximum of 100V/V.
Gain is set using three digital gain selection pins.
The PGA854 architecture is optimized to drive
inputs of high-resolution, precision analog-to-digital
converters (ADCs) with sampling rates up to 1MSPS
without the need for an additional ADC driver. The
output-stage power supplies are decoupled from the
input stage to protect the ADC or downstream devices
against overdrive damage.
The super-beta input transistors offer an impressively
low input bias current, which in turn provides a
very low input current noise density of 0.3pA/√Hz,
making the PGA854 a versatile choice for virtually
any sensor type. The low-noise current-feedback
front-end architecture offers exceptional gain flatness
even at high frequencies, making the PGA854 an
excellent high-impedance sensor readout device.
Integrated protection circuitry on the input pins
handles overvoltages of up to ±40V beyond the
power-supply voltages.




Similar Part No. - INA849

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA849 TI-INA849 Datasheet
1Mb / 26P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA849 TI-INA849 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
More results


Similar Description - INA849

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_15 Datasheet
465Kb / 15P
Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_17 Datasheet
497Kb / 16P
Programmable Gain Instrumentation Amplifier
23-Feb-2017
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com