Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VOCM = 0V, RL = 10kΩ, and G =1V/V (unless otherwise noted)
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-300
-200
-100
0
100
200
300
Mean
+3
-3
N = 30
G = 100V/V
Figure 6-7. Offset Voltage (RTI) vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-450
-350
-250
-150
-50
50
150
250
350
450
Mean
+3
-3
N = 30
G = 2V/V
Figure 6-8. Offset Voltage (RTI) vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-1800
-1400
-1000
-600
-200
200
600
1000
1400
1800
Mean
+3
-3
N = 30
G = 0.5V/V
Figure 6-9. Offset Voltage (RTI) vs Temperature
Input Common-mode Voltage (V)
-14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12 14
-1400
-1000
-600
-200
200
600
1000
1400
G = 0.5
G = 1
G = 2
G = 5
G = 10
G = 20
G = 50
G = 100
CM Range
Typical unit shown
Figure 6-10. Offset Voltage (RTI) vs VICM
Power-supply Rejection Ratio ( V/V)
0
10
20
30
40
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
N = 8126
Mean = 0.214μV/V
Std. dev. = 0.0668μV/V
G = 100V/V
Figure 6-11. PSRR Distribution
Power-supply Rejection Ratio ( V/V)
0
10
20
30
40
-1.5
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
1.5
N = 8126
Mean = 0.247μV/V
Std. dev. = 0.0852μV/V
G = 2V/V
Figure 6-12. PSRR Distribution
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com