Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VOCM = 0V, RL = 10kΩ, and G =1V/V (unless otherwise noted)
Frequency (Hz)
0.05
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1
2
3
100m
1
10
100
1k
10k
Typical unit shown
G = 1V/V
Figure 6-31. Current Noise Spectral Density vs Frequency
Time (1 s/div)
Typical unit shown
G = 1V/V
Figure 6-32. 0.1Hz to 10Hz Current Noise
Gain Error (%)
0
5
10
15
20
25
-0.05
-0.03
-0.01
0
0.01
0.03
0.05
N = 702
Mean = –0.008%
Std. dev. = 0.006%
G = 100V/V
Figure 6-33. Distribution of Differential Gain Error
Gain Error (%)
0
5
10
15
20
25
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
N = 702
Mean = –0.001%
Std. dev. = 0.004%
G = 2V/V
Figure 6-34. Distribution of Differential Gain Error
Gain Error (%)
0
4
8
12
16
20
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
N = 702
Mean = 0.001%
Std. dev. = 0.005%
G = 0.5V/V
Figure 6-35. Distribution of Differential Gain Error
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
10
100
1k
10k
100k
1M
10M
G = 0.5
G = 1
G = 2
G = 5
G = 10
G = 20
G = 50
G = 100
Figure 6-36. Gain vs Frequency
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com