Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VOCM = 0V, RL = 10kΩ, and G =1V/V (unless otherwise noted)
Frequency (Hz)
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
1
10
100
1k
10k
100k
1M
10M
G = 1V/V
Figure 6-55. Closed-Loop Output Impedance vs Frequency
Capacitive Load (pF)
10
110
210
310
410
510
610
710
810
910
10
15
20
25
30
35
40
45
50
RISO = 0
RISO = 25
RISO = 50
G = 1V/V
VOUT =100mVPP
Figure 6-56. Overshoot vs Capacitive Load
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
5
5.5
6
6.5
7
VS = VSOUT = 4.5V
VS = VSOUT = 15V
Input stage
G = 0.5V/V
Figure 6-57. Quiescent Current vs Temperature
Ax Digital Input Pin Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
DGND = –18V
Figure 6-58. Ax Digital Input Pin Current vs
Ax Digital Input Pin Voltage
DGND Digital Input Pin Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
Ax = DGND
Figure 6-59. DGND Digital Input Pin Current vs
DGND Digital Input Pin Voltage
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
1.25
1.3
1.35
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
2.05
DGND pin
Ax pin
Figure 6-60. Digital Input Pin Current vs Temperature
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com