Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
VIN, Differential Input Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-15
-12
-9
-6
-3
0
3
6
9
12
15
I(Vs+)
I(Vs–)
I(IN+)
I(IN–)
VS = VSOUT = ±15V
VICM = VREF = 0V
G = 50V/V
VIN linear limits = ±0.58V
Figure 8-7. Current Consumption versus
Differential Input Voltage
VIN, Differential Input Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-15
-12
-9
-6
-3
0
3
6
9
12
15
I(Vs+)
I(Vs–)
I(IN+)
I(IN–)
VS = VSOUT = ±15V
VICM = VREF = 0V
G = 100V/V
VIN linear limits = ±0.29V
Figure 8-8. Current Consumption versus
Differential Input Voltage
8.2 Typical Application
8.2.1 ADS127L11 and ADS127L21B, 24-Bit, Delta-Sigma ADC Driver Circuit
The application circuit in Figure 8-9 shows a schematic for a 24-bit wide-bandwidth, delta-sigma ADC. The
ADS127Lx1 ADC offers two digital filters to optimize ac applications (wideband filter) or dc applications (sinc4
filter). Table 8-2 and Table 8-3 show measurement results in both filter settings. For a detailed design procedure
to operate the ADS127Lx1 ADC, see the ADS127Lx1EVM-PDK evaluation module user's guide.
+
–
OUT+
IN
IN+
OUT
VOCM
6.67k
3.33k
3.33k
6.67k
ADS127L21B
INP
INN
FDA_IN
FDA_IN+
PGA854
+
–
VIN+
VIN
VOUT = G × VIN
VIN = VIN+
VIN
+
VOUT
Gain Network
A0
A1
A2
A0
A1
A2
VDGND
DGND
VREF
AVDD
CFB
680pF
CFB
680pF
RFIL
47.4
RFIL
47.4
CDIFF
470pF
CCM
47pF
CCM
47pF
1k
1000pF
ADS127L21B
VCM Pin
VS+
VS
15V
100nF
5V
5V
15V
100nF
LVDD
LVSS
AVSS
4.096V
RFIL_Optional
RFIL_Optional
CIN_DIFF
10 ×
CIN_CM
1 ×
CIN_CM
1 ×
100nF
3.16k
3.16k
4.7nF
470pF
470pF
Figure 8-9. Driving the ADS127Lx1 Delta-Sigma ADC
www.ti.com
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com