Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = VSOUT = ±15V, VICM = VOCM = 0V, RL = 10kΩ, and G =1V/V (unless otherwise noted)
Input Referred Offset Voltage ( V)
0
5
10
15
20
25
30
-350
-250
-150
-50
0
50
150
250
350
N = 702
Mean = 11µV
Std. dev. = 31.1µV
G = 100V/V
Figure 6-1. Distribution of Offset Voltage (RTI)
Input Referred Offset Voltage drift ( V/ C)
0
8
16
24
32
40
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
N = 30
Mean = 0.022μV/°C
Std. dev. = 0.065μV/°C
G = 100V/V
Figure 6-2. Distribution of Offset Voltage Drift (RTI)
Input Referred Offset Voltage ( V)
0
4
8
12
16
20
-350
-250
-150
-50
0
50
150
250
350
N = 702
Mean = –4.7µV
Std. dev. = 66µV
G = 2V/V
Figure 6-3. Distribution of Offset Voltage (RTI)
Input Referred Offset Voltage drift ( V/ C)
0
8
16
24
32
40
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
N = 30
Mean = –0.02μV/°C
Std. dev. = 0.111μV/°C
G = 2V/V
Figure 6-4. Distribution of Offset Voltage Drift (RTI)
Input Referred Offset Voltage ( V)
0
4
8
12
16
20
-900
-600
-300
0
300
600
900
-1400
1400
N = 702
Mean = 20.9µV
Std. dev. = 253.1µV
G = 0.5V/V
Figure 6-5. Distribution of Offset Voltage (RTI)
Input Referred Offset Voltage drift ( V/ C)
0
5
10
15
20
25
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
N = 30
Mean = 0.112μV/°C
Std. dev. = 0.393μV/°C
G = 0.5V/V
Figure 6-6. Distribution of Offset Voltage Drift (RTI)
www.ti.com
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com