Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Output Differential Voltage (V)
-30
-24
-18
-12
-6
0
6
12
18
24
30
-18
-15
-12
-9
-6
-3
0
3
6
9
12
VS = VSOUT = 15V
VS = VSOUT = 5V
VS = VSOUT = ±15V,
VS = VSOUT = ±5V,
VOCM = 0V
G = 2V/V
Figure 8-3. Input Common-Mode Voltage vs
Output Differential Voltage
Output Differential Voltage (V)
-30
-24
-18
-12
-6
0
6
12
18
24
30
-15
-12
-9
-6
-3
0
3
6
9
12
15
VS =VSOUT= 15V
VS =VSOUT= 5V
VS = VSOUT = ±15V,
VS = VSOUT = ±5V,
VOCM = 0V
G = 100V/V
Figure 8-4. Input Common-Mode Voltage vs
Output Differential Voltage
8.1.2 Current Consumption with Differential Inputs
Programmable gain amplifiers such as the PGA854 use internal resistors to set the gain. Consequently, the
current consumption is increased by the current that passes through these resistors. The largest supply current
consumption occurs at G = 2V/V when applying large amplitude differential signals.
Note that IQvalues in the specifications section are under the condition VIN = 0V. Higher supply current is to be
expected for higher differential input levels. Same goes to bias current IB, which is specified with zero differential
input. Input bias current increases slightly with increased differential inputs up to the linear input range limit (see
Section 8.1.1 for details), If the input exceeds the linear input range limit (inputs are overdriven), the input bias
current significantly increases.
Figure 8-5 to Figure 8-8 show typical current consumption versus input differential voltage for the input stage
supply, and the current drawn by the PGA854 inputs when the device is overdriven. The dashed vertical
reference lines outline the linear operating region of the device at that given gain (VIN), outside of this region is
when the inputs of the device are overdriven.
VIN, Differential Input Voltage (V)
-30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
-20
-15
-10
-5
0
5
10
15
20
25
I(Vs+)
I(Vs–)
I(IN+)
I(IN–)
VS = VSOUT = ±15V
VICM = VREF = 0V
G = 0.5V/V
VIN linear limits = ±16V
Figure 8-5. Current Consumption versus
Differential Input Voltage
VIN, Differential Input Voltage (V)
-30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
-25
-20
-15
-10
-5
0
5
10
15
20
25
I(Vs+)
I(Vs–)
I(IN+)
I(IN–)
VS = VSOUT = ±15V
VICM = VREF = 0V
G = 1V/V
VIN linear limits = ±16V
Figure 8-6. Current Consumption versus
Differential Input Voltage
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com