Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VOCM = 0V, RL = 10kΩ, and G =1V/V (unless otherwise noted)
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-8
-6
-4
-2
0
Mean
Typical unit shown
G = 2V/V
Figure 6-37. Gain Error vs Temperature
Differential Output Voltage (V)
-12
-8
-4
0
4
8
12
-20
-16
-12
-8
-4
0
4
8
12
16
20
VOUT = ±10V
G = 100V/V
Typical unit shown
Figure 6-38. Gain Nonlinearity
Differential Output Voltage (V)
-12
-8
-4
0
4
8
12
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
VOUT = ±10V
G = 2V/V
Typical unit shown
Figure 6-39. Gain Nonlinearity
Differential Output Voltage (V)
-12
-8
-4
0
4
8
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
VOUT = ±8V
G = 0.5V/V
Typical unit shown
Figure 6-40. Gain Nonlinearity
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
13
13.5
14
14.5
15
-40 C
25 C
85 C
125 C
VS = ±18V
VOUT = ±15V
G = 100V/V
Figure 6-41. Positive Output Voltage vs Output Current
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
-15
-14.5
-14
-13.5
-13
-40 C
25 C
85 C
125 C
VS = ±18V
VOUT = ±15V
G = 100V/V
Figure 6-42. Negative Output Voltage vs Output Current
www.ti.com
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com