Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
7.3.3 Output Common-Mode Pin
The output voltages of the PGA854 are balanced with respect to the voltage on the output common-mode pin,
VOCM. The starting point for most designs is to assign an output common-mode voltage for the PGA854. For
ac-coupled signal paths, this voltage is often the default mid-supply voltage, so as to retain the most available
output swing around the voltage centered at VOCM. For dc-coupled signal paths, and low voltage output supply,
set this voltage between a maximum of VLVDD – 1.5V and minimum of VLVSS + 1.5V. for higher voltage supplies,
set VOCM between VLVDD – 2V and minimum of VLVSS + 2V. Note that For precision ADC applications, this
voltage is typically the input common-mode voltage of the ADC.
The voltage at the VOCM pin is internally buffered to bias the fully differential output amplifier, eliminating the
need for an external VOCM buffer. In the event that the VOCM pin is left floating, the output common-mode
control voltage is biased at output mid-supply using an internal 500kΩ-500kΩ resistor divider network connected
between the output-stage power-supply pins.
7.3.4 Using the Fully Differential Output Amplifier to Shape Noise
Section 7.2 shows that the PGA854 output-stage fully-differential amplifier uses 6.67kΩ feedback resistors
between the OUT+ output and the inverting input, and the OUT– output and the noninverting input. External
direct access to inverting input is provided through the FDA_IN+ pin, and to the noninverting input through
the FDA_IN- pin. This option allows circuit designers to add external feedback capacitors in parallel with the
internal feedback resistors to implement noise-filtering or noise-shaping techniques. These pins are also usable
to implement customized attenuating gains for the output stage. Consider the following important factors when
designing parallel circuits with the internal feedback resistors:
• The accuracy of the internal resistor network is 0.01% or better. This accuracy results in a common-mode
rejection ratio (CMRR) of 80dB or better. Mismatched leakage currents on these pins potentially causes
CMRR degradation.
• The internal resistors have ±15% absolute resistance variation; consider this variation when implementing
custom attenuating gains or noise filters.
CAUTION
Do not treat these pins as outputs, nor use the pins to source or sink current. Excessive currents
through the feedback resistors potentially cause permanent damage to internal circuitry.
7.4 Device Functional Modes
The PGA854 has a single functional mode and operates when the input-stage power supply is greater than
±4.5V (9V) and the output-stage power supply is greater than ±2.25V (4.5V); see also Section 6.3.
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com