Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VOCM at mid-supply, RL = 10kΩ, and G = 1V/V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
BW
Bandwidth, –3dB
G < 10
6.2
MHz
G = 10, 20
5.0
G = 50, 100
2.4
SR
Slew rate
G = 0.5, VOUT = 8V
G = 1 to 100, VOUT = 10V
45
V/µs
tS
Settling time
G = 0.5, VIN = 10V step or
G= 1 to 20, VOUT = 10V step
To 0.01%
0.75
µs
To 0.0015%
0.9
µs
G = 50
VOUT = 10V step
To 0.01%
1.3
µs
To 0.0015%
1.4
µs
G = 100
VOUT = 10V step
To 0.01%
2
µs
To 0.0015%
2.3
µs
Gain switching time
1.5
µs
THD+N
Total harmonic distortion and Noise
Differential input, f = 10kHz, VOUT = 10VPP
–99
dB
Single-ended input, f = 10kHz, VOUT = 10VPP
–93
HD2
Second-order harmonic distortion
Differential input, f = 10kHz, VOUT = 10VPP
–121
dB
Single-ended input, f = 10kHz, VOUT = 10VPP
–112
HD3
Third-order harmonic distortion
Differential input, f = 10kHz, VOUT = 10VPP
–105
dB
Single-ended input, f = 10kHz, VOUT = 10VPP
–104
OUTPUT COMMON-MODE VOLTAGE (VOCM) CONTROL
VOCM
Output common-mode control
voltage(3)
VS = ±4.5V
VLVSS + 1.5
VLVDD – 1.5
V
VS = ±18V
VLVSS + 2
VLVDD – 2
Small-signal bandwidth VOCM pin
VOCM = 100mVPP
14
MHz
Large-signal bandwidth VOCM pin
VOCM = 0.6VPP
14
MHz
DC output balance(4)
VOCM fixed at mid-supply (VOUT = ±1V)
95
dB
Input impedance VOCM pin
250 || 1
kΩ || pF
VOUTCM offset from mid-supply
VOCM pin floating
±1
±4.5
mV
VOUTCM offset voltage(5)
VOCM = VICM, VOUT = 0V
±1
±4.5
mV
VOUTCM offset voltage drift
VOCM = VICM, VOUT = 0V, TA = –40°C to +125°C
±20
±40
µV/°C
INPUT STAGE POWER SUPPLY
IQ_input
Input stage quiescent current
VS+, VS–
VIN = 0V, VICM = 0V
3.2
3.9
mA
TA = –40°C to +125°C
4.9
OUTPUT STAGE POWER SUPPLY
IQ_output
Output stage quiescent current
LVDD, LVSS
VIN = 0V, VOCM fixed at mid-
supply
2.3
2.8
mA
TA = –40°C to +125°C
3.5
DIGITAL LOGIC
VIL
Digital input logic low
A0, A1, A2 pins, referred to DGND
VDGND
VDGND + 0.8
V
VIH
Digital input logic high
A0, A1, A2 pins, referred to DGND
VDGND + 1.8
VS+
V
Digital input pin current
A0, A1, A2 pins
1.5
3
µA
VDGND
DGND voltage
VS–
(VS+) – 4
V
DGND reference current
4
10
µA
(1)
Differential Input voltage of the PGA854 amplifier (VIN = VIN+ – VIN–). The valid input range depends on input common-mode voltage
VICM, gain G, and output common-mode voltage VOCM. See Section 8.1.1.
(2)
Differential output voltage VOUT = VOUT+ - VOUT– See Section 8.1.1 for valid linear operating range of the amplifier.
(3)
VOCM is the Voltage on VOCM pin. Actual output common-mode voltage is calculated from single-ended output voltages VOUTCM =
(VOUT+ + VOUT–) / 2.
(4)
DC output balance is defined as |VOUTCM(at VIN = +1) – VOUTCM(at VIN = –1)| / 2.
(5)
VOUTCM offset voltage is defined as VOUTCM – VOCM.
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com