Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
the 10:1 ratio for differential capacitor CIN_DIFF versus common-mode capacitors CIN_CM offers good differential
and common-mode noise rejection. This arrangement tends to be less sensitive to the tolerance variation and
mismatch of the filter capacitors. in the measurement above a narrow-band input filter is used to limit the noise
and harmonics from the source waveform generator.
The feedback capacitor, CFB, is in parallel with the PGA854 output-stage 6.67kΩ feedback resistors to help
implement additional noise filtering. The internal resistors have ±15% absolute resistance variation; take this
variation into account when implementing noise filtering. In this example, CFB is set to 680pF, providing a typical
f–3dB corner frequency of 35kHz. The estimated minimum f–3dB corner frequency for this circuit is approximately
30kHz when accounting for the feedback-resistor variation.
The filter at the ADS127Lx1 inputs works as a charge reservoir to filter the sampled input of the ADC. The
charge reservoir reduces the instantaneous charge demand of the amplifier, maintaining low distortion and low
gain error that otherwise potentially degrade because of incomplete amplifier settling. The ADC input filter values
are RFIL = 47.4Ω, CDIFF = 470pF, and CCM = 47pF. The ADC input precharge buffers significantly reduce the
sample-phase input charge that raises the ADC input impedance to decrease gain error.
High-grade COG (NPO) are used everywhere in the signal path (CIN_DIFF, CIN_CM, CFB, CDIFF, CCM) for
low distortion. Among ceramic surface-mount capacitors, COG (NPO) ceramic capacitors provide the best
capacitance accuracy. The type of dielectric used in COG (NPO) ceramic capacitors provides the most stable
electrical properties over voltage, frequency, and temperature changes.
www.ti.com
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com