Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 4 Page - Texas Instruments

  INA849 Datasheet HTML 1Page - Texas Instruments INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
5 Pin Configuration and Functions
1
A2
12
FDA_IN+
2
IN+
11
OUT–
3
IN–
10
OUT+
4
A0
9
FDA_IN–
Not to scale
Thermal Pad
Figure 5-1. RGT Package, 16-Pin VQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
4
Input
Gain setting pin 0
A1
5
Input
Gain setting pin 1
A2
1
Input
Gain setting pin 2
DGND
16
Power
Ground reference for digital logic and gain setting pins
FDA_IN–
9
Input
Connection to output driver summing node
FDA_IN+
12
Input
Connection to output driver summing node
IN–
3
Input
Negative (inverting) input
IN+
2
Input
Positive (noninverting) input
LVDD
7
Power
Output driver positive supply. Connect this pin to the positive supply of the ADC to protect from
overdriving.
LVSS
14
Power
Output driver negative supply. Connect this pin to the negative supply of the ADC to protect from
overdriving.
NC
8
—
Do not connect
OUT–
11
Output
Output (inverting)
OUT+
10
Output
Output (noninverting)
VOCM
13
Input
output common mode control pin
VS+
6
Power
Input stage positive supply
VS–
15
Power
Input stage negative supply
Thermal
Pad
Thermal pad
—
Solder the thermal pad to the printed-circuit board (PCB). Connect the thermal pad to a plane
or large copper pour that is either floating or electrically connected to VS–. Make this connection
even for applications that have low power dissipation.
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com