Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VOCM at mid-supply, RL = 10kΩ, and G = 1V/V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE VOLTAGE
eNI
Voltage noise density (RTI)
f = 1kHz
G = 100
8.5
nV/√Hz
G = 50
8.5
G = 20
8.8
G = 10
8.8
G = 5
10.5
G =2
20
G =1
40
G = 0.5
80
ENI
Voltage noise (RTI)
fB = 0.1Hz to 10Hz
G = 100
0.28
µVPP
G = 50
0.28
G = 20
0.30
G = 10
0.30
G = 5
0.30
G =2
0.41
G =1
0.76
G = 0.5
1.50
iN
Input current noise density
f = 1kHz
0.2
pA/√Hz
IN
Input current noise
fB = 0.1Hz to 10Hz
7.9
pAPP
GAIN
G
Differential gain
0.5
100
V/V
GE
Differential gain error
G = 0.5, 1, 2
±0.005
±0.035
%
G = 5, 10, 20, 50
±0.015
±0.045
G = 100
±0.025
±0.055
Differential gain drift
TA = –40°C to +125°C
G = 2
±0.05
±1
ppm/°C
G ≠ 2
±0.2
±2
Differential gain nonlinearity
G = 0.5, VOUT = 8V
G = 1 to 20, VOUT = 10V
±4
±5.5
ppm
G = 50, 100, VOUT = 10V
±9
±20
TA = –40°C to +125°C,
G = 0.5, VOUT = 8V
G = 1 to 100, VOUT = 10V
G ≤ 20
±5
±7
G = 50, 100
±12
±30
OUTPUT
VO
Single-ended output voltage
No load, VSOUT = ±2.25V
VLVSS + 0.1
VLVDD – 0.1
V
RL = 10kΩ
VSOUT = ±2.25V
VLVSS + 0.2
VLVDD – 0.2
VSOUT = ±18V
VLVSS + 0.4
VLVDD – 0.4
VOUT
Differential output voltage
VICM and VIN in valid linear operating range(2)
G × VIN
V
CL
Differential load capacitance
Stable operation for differential load
50
pF
ISC
Short-circuit current
Continuous to VSOUT / 2
±45
mA
TA = –40°C to +125°C
±20
±60
www.ti.com
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com