Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993 Datasheet (PDF) - STMicroelectronics

L5993 Datasheet PDF - STMicroelectronics
Part # L5993
Download  L5993 Download
File Size   200.35 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CONSTANT POWER CONTROLLER

L5993 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5993 Datasheet PDF - STMicroelectronics

Part # L5993
Download  L5993 Click to download

File Size   200.35 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CONSTANT POWER CONTROLLER

L5993 Datasheet (HTML) - STMicroelectronics


L5993 Product details

DESCRIPTION
This primary controller I.C., developed in BCD60II technology, has been designed to implement off line or DC-DC power supply applications using a fixed frequency current mode control.
Based on a standard current mode PWM controller this device includes some features such as programmable soft start, IN/OUT synchronization, disable (to be used for over voltage protection and for power management), precise maximum Duty Cycle Control, 100ns leading edge blanking on current sense, pulse by pulse current limit, overcurrent protection with soft start intervention and ”constant power” function for cotrolling throughput power in multisync monitor SMPS.

■ CURRENT-MODE CONTROL PWM
■ SWITCHING FREQUENCY UP TO 1MHz
■ LOW START-UP CURRENT (< 120µA)
■ CONSTANT OUTPUT POWER VS. SWITCHING FREQUENCY
■ HIGH-CURRENT OUTPUT DRIVE SUITABLE FOR POWER MOSFET (1A)
■ FULLY LATCHED PWM LOGIC WITH DOUBLE PULSE SUPPRESSION
■ PROGRAMMABLE DUTY CYCLE
■ 100%AND 50% MAXIMUMDUTY CYCLELIMIT
■ PROGRAMMABLE SOFT START
■ PRIMARY OVERCURRENT FAULT DETECTION WITH RE-START DELAY
■ PWM UVLO WITH HYSTERESIS
■ IN/OUT SYNCHRONIZATION
■ LATCHED DISABLE
■ INTERNAL 100ns LEADING EDGE BLANKING OF CURRENT SENSE
■ PACKAGE: DIP16 AND SO16N




Similar Part No. - L5993

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991 STMICROELECTRONICS-L5991 Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991A STMICROELECTRONICS-L5991A Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991A STMICROELECTRONICS-L5991A Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
L5991AD STMICROELECTRONICS-L5991AD Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
More results


Similar Description - L5993

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3741 LINER-LT3741_15 Datasheet
390Kb / 24P
High Power, Constant Current, Constant Voltage, Step-Down Controller
LT3741-1 LINER-LT3741-1_15 Datasheet
390Kb / 24P
High Power, Constant Current, Constant Voltage, Step-Down Controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
High Power Constant Current, Constant Voltage Synchronous Buck Controller
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
Low Power Offline Constant Current / Constant Voltage PSR Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com