Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5993
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993 Datasheet(HTML) 3 Page - STMicroelectronics

  L5993 Datasheet HTML 1Page - STMicroelectronics L5993 Datasheet HTML 2Page - STMicroelectronics L5993 Datasheet HTML 3Page - STMicroelectronics L5993 Datasheet HTML 4Page - STMicroelectronics L5993 Datasheet HTML 5Page - STMicroelectronics L5993 Datasheet HTML 6Page - STMicroelectronics L5993 Datasheet HTML 7Page - STMicroelectronics L5993 Datasheet HTML 8Page - STMicroelectronics L5993 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 15V; Tj = 0 to 105
°C; RT = 13.3kΩ;CT = 1nF
unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
REFERENCE SECTION
VRef
Output Voltage
Tj =25
°C; IO = 1mA
4.925
5.0
5.075
V
Line Regulation
VCC = 12 to 20V; Tj =25
°C
2.0
10
mV
Load Regulation
IO = 1 to 10mA; Tj =25
°C
2.0
10
mV
TS
Temperature Stability
0.4
mV/
°C
Total Variation
Line, Load, Temperature
4.80
5.0
5.130
V
IOS
Short Circuit Current
Vref = 0V
30
150
mA
Power Down/UVLO
VCC = 8.5V; Isink = 0.5mA
0.2
0.5
V
OSCILLATOR SECTION
Initial Accuracy
pin 15 = Vref
Tj =25
°C
VCC = 12 to 20V
95
93
100
100
105
107
kHz
kHz
Duty Cycle
pin 3 = 0,7V, pin 15 = Vref
pin 3 = 0.7V, pin 15 = OPEN
0
0
%
%
Duty Cycle
pin 3 = 3.2V, pin 15 = Vref
pin 3 = 3.2V, pin 15 = OPEN
47
93
%
%
Duty Cycle Accuracy
pin 3 = 2.79V, pin 15 = OPEN
75
80
85
%
Oscillator Ramp Peak
2.8
3.0
3.2
V
Oscillator Ramp Valley
0.75
0.9
1.05
V
ERROR AMPLIFIER SECTION
Input Bias Current
VFB to GND
0.2
3.0
µA
VI
Input Voltage
VCOMP =VFB
2.42
2.5
2.58
V
GOPL
Open Loop Gain
VCOMP = 2 to 4V
60
90
dB
SVR
Supply Voltage Rejection
VCC = 12 to 20V
85
dB
VOL
Output Low Voltage
Isink = 2mA, VFB = 2.7V
1.1
V
VOH
Output High Voltage
Isource = 0.5mA, VFB = 2.3V
5
6
V
IO
Output Source Current
VCOMP > 4V, VFB = 2.3V
0.5
1.3
2.5
mA
Output Sink Current
VCOMP > 1.1V, VFB = 2.7V
2
6
mA
Unit Gain Bandwidth
1.7
4
MHz
SR
Slew Rate
8
V/
µs
PWM CURRENT SENSE SECTION
Ib
Input Bias Current
Isen =0
3
15
µA
IS
Maximum Input Signal
VCOMP = 5V
0.92
1.0
1.08
V
Delay to Output
70
100
ns
Gain
2.85
3
3.15
V/V
SOFT START
ISSC
SS Charge Current
14
20
26
µA
ISSD
SS Discharge Current
VSS = 0.6V, Tj =25
°C
5
10
15
µA
VSSSAT
SS Saturation Voltage
DC = 0%
0.6
V
VSSCLAMP
SS Clamp Voltage
7
V
LEADING EDGE BLANKING
Internal Masking Time
100
ns
OUTPUT SECTION
VOL
Output Low Voltage
IO = 250mA
1.0
V
VOH
Output High Voltage
IO = 20mA; VCC = 12V
10
10.5
V
IO = 200mA; VCC = 12V
9
10
V
VOUT CLAMP
Output Clamp Voltage
IO = 5mA; VCC = 20V
13
V
L5993
3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com