Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5993
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993 Datasheet(HTML) 5 Page - STMicroelectronics

  L5993 Datasheet HTML 1Page - STMicroelectronics L5993 Datasheet HTML 2Page - STMicroelectronics L5993 Datasheet HTML 3Page - STMicroelectronics L5993 Datasheet HTML 4Page - STMicroelectronics L5993 Datasheet HTML 5Page - STMicroelectronics L5993 Datasheet HTML 6Page - STMicroelectronics L5993 Datasheet HTML 7Page - STMicroelectronics L5993 Datasheet HTML 8Page - STMicroelectronics L5993 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
8
1 01 2
1 41 61 82 0
2 2
2 4
7.0
7.5
8.0
8.5
9.0
Vc c
[V ]
Iq [m A ]
V1 4 = 0 , V 5 = V re f
R t = 4 .5 K o h m ,T j = 2 5
°C
5 00K hz
300K hz
1M hz
100K hz
Figure 3. Quiescent current vs. input voltage.
0
5
10
15
20
25
4.9
4.95
5
5.05
5.1
Iref [mA]
Vref [V]
Vcc=15V
Tj = 25
°C
Figure 6. Reference voltage vs. load current.
-50
-25
0
25
50
75
100
125
150
4.9
4.95
5
5.05
5.1
Tj (
°C)
Vref [V])
Vcc = 15V
Iref = 1mA
Figure 7. Vref vs. junction temperature.
-50
-25
0
25
50
75
100
125
150
4.9
4.95
5
5.05
5.1
Tj (
°C)
Vref [V]
Vcc = 15V
Iref= 20mA
Figure 8. Vref vs. junction temperature.
8
1012
14
1618
2022
0
6
12
18
24
30
36
Vcc [V]
Iq [mA ]
Co = 1nF, Tj = 2 5
°C
DC = 10 0%
1M Hz
500K Hz
30 0K Hz
10 0KHz
Figure 5. Quiescent current vs. input voltage
and switching frequency.
8
1 0
12
141 6
182 022
0
6
12
18
24
30
36
V cc [V]
Iq [m A ]
C o = 1nF, T j = 25
°C
DC = 0 %
1M H z
50 0K H z
30 0K H z
1 0 0 KHz
Figure 4. Quiescent current vs. input voltage
and switching frequency.
L5993
5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com