Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5993
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5993 Datasheet HTML 9Page - STMicroelectronics L5993 Datasheet HTML 10Page - STMicroelectronics L5993 Datasheet HTML 11Page - STMicroelectronics L5993 Datasheet HTML 12Page - STMicroelectronics L5993 Datasheet HTML 13Page - STMicroelectronics L5993 Datasheet HTML 14Page - STMicroelectronics L5993 Datasheet HTML 15Page - STMicroelectronics L5993 Datasheet HTML 16Page - STMicroelectronics L5993 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Pin 16. C-POWER (Constant Power Function).
An external capacitor connected between this pin
and SGND completes the peak-holding circuit that
detects the peak voltage of the synchronized os-
cillator. The circuit gets a DC voltage (which de-
creases as the synchronizing frequency fed into
pin 1 (SYNC) rises) used to clamp the error ampli-
fier output (VCOMP), as shown in the detailed inter-
nal schematic of fig. 30.
In this way the pulse-by-pulse setpoint is moved
downwards as the frequency rises (and vice versa for
a frequency decrease, due to the 47k
Ω dischargere-
sistor) and, as a result, the maximum power deliver-
ableto the load is held roughly constant.
The external capacitor must be large enough to
get a real DC voltage on the pin. Considering the
spread of the internal 47k
Ω resistor, the minimum
capacitance value (CCP) needed to have less than
1% ripple superimposed on the DC voltage is:
CCP
>
1
330
⋅ƒmin
,
where
ƒmin (Hz) is the minimum synchronizing fre-
quency.
When this function is not used, pin 16 has to be
connected directly to pin 4.
Considering the ordinary design criteria for the
transformer, the circuit usually works well without
any adjustment. Anyway, the variations of the
maximum power limit on varying the switching fre-
quency and/or the mains voltage can be mini-
mized by modifying one or more of the following
parameters:
- Primary inductance;
- Transformer turns ratio;
- Oscillator free-running frequency;
- Sense resistor.
A trial process is required, involving the parame-
ters that are more practicable to modify. In fact,
the optimum behavior is achieved for a specific
combination of the above parameters and de-
V15=GND
V5=V13=GND
V15=VREF
V5=V13=GND
td
td
tc
tc
V2
V10
V2
V10
DX =
tc
tc +td
DX =
tc
2·tc +td
D97IN498
Figure 29. Half duty cycle option.
E/A
RT
-
+
2.5V
-
+
VFB
5
COMP
6
30K
Ω
30K
Ω
Q2
Q1
D2
4
VREF
C-POWER
16
CCP
BUFFER
-
+
47K
Ω
D1
CT
2
RCT
15K
Ω
TIMING
CLAMP
1V
PWM
COMPARATOR
TO PWM
LATCH
L5993
113
SYNC
ISEN
D97IN768A
Figure 30. Constant Power circuit internal schematic
L5993
13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com