Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5993
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5993 Datasheet HTML 5Page - STMicroelectronics L5993 Datasheet HTML 6Page - STMicroelectronics L5993 Datasheet HTML 7Page - STMicroelectronics L5993 Datasheet HTML 8Page - STMicroelectronics L5993 Datasheet HTML 9Page - STMicroelectronics L5993 Datasheet HTML 10Page - STMicroelectronics L5993 Datasheet HTML 11Page - STMicroelectronics L5993 Datasheet HTML 12Page - STMicroelectronics L5993 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ered at pin 1 and defines the upper extreme of the
duty cycle range, Dx (see pin 15 for Dx definition
and calculation).
In case V15 is connecte d to VREF, however, the
switching frequency of the system will be a half
fosc.
If the IC is to be synchronized to an external oscil-
lator, RT and CT should be selected for a fosc
lower than the master frequency in any condition
(typically, 10-20% ), depending on the tolerance
of RT and CT .
Pin 3. DC (Duty Cycle Control). By biasing this
pin with a voltage between 1 and 3 V it is possible
to set the maximum duty cycle between 0 and the
upper extreme Dx (see pin 15).
If Dmax is the desired maximum duty cycle, the
voltage V3 to be applied to pin 3 is:
V3 =5 - 2
(2-Dmax)
(4)
Dmax is determined by internal comparison be-
tween V3 and the oscillator ramp (see fig. 22),
thus in case the device is synchronized to an ex-
ternal frequency fext (and therefore the oscillator
amplitude is reduced), (4) changes into:
V3
= 5 − 4
⋅ exp 
−
Dmax
RT
⋅ CT ⋅ fext
(5)
A voltage below 1V will inhibit the driver output
stage. This could be used for a not-latched device
disable, for example in case of overvoltage pro-
tection (see application ideas).
If no limitation on the maximum duty cycle is re-
quired (i.e. DMAX =DX), the pin has to be left float-
ing. An internal pull-up (see fig. 22) holds the volt-
age above 3V. Should the pin pick up noise (e.g.
during ESD tests), it can be connected to VREF
through a 4.7k
Ω resistor.
Pin 4. VREF (Reference Voltage). The device is
provided with an accurate voltage reference
(5V
±1.5%) able to deliver some mA to an external
circuit.
A small film capacitor (0.1
µF typ.), connected
between this pin and SGND, is recommended to
ensure the stability of the generator and to prevent
noise from affectingthe reference.
Before device turn-on, this pin has a sink current
capability of 0.5mA.
+
-
R2
R3
R1
CLAMP
D1
50
Ω
RT
CT
D
R
Q
600
µA
D97IN500B
VREF
RCT
SYNC
CLK
2
4
1
Figure 21. Oscillator and synchronization internal schematic.
+
-
R2
R1
RT
C
T
D97IN711A
VREF
RCT
DC
TO PWM LOGIC
4
3
2
23K
28K
3
µA
Figure 22. Duty cycle control.
L5993
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com