Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5993
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5993 Datasheet HTML 6Page - STMicroelectronics L5993 Datasheet HTML 7Page - STMicroelectronics L5993 Datasheet HTML 8Page - STMicroelectronics L5993 Datasheet HTML 9Page - STMicroelectronics L5993 Datasheet HTML 10Page - STMicroelectronics L5993 Datasheet HTML 11Page - STMicroelectronics L5993 Datasheet HTML 12Page - STMicroelectronics L5993 Datasheet HTML 13Page - STMicroelectronics L5993 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Pin 5. VFB (Error Amplifier Inverting Input). The
feedback signal is applied to this pin and is com-
pared to the E/A internal reference (2.5V). The
E/A output generates the control voltage which
fixes the duty cycle.
The E/A features high gain-bandwidth product,
which allows to broaden the bandwidth of the
overall control loop, high slew-rate and current ca-
pability, which improves its large signal behavior.
Usually the compensation network, which stabi-
lizes the overall control loop, is connected be-
tween this pin and COMP (pin 6).
Pin 6. COMP (Error Amplifier Output). Usually,
this pin is used for frequency compensation and
the relevant network is connected between this
pin and VFB (pin 5). Compensation networks to-
wards ground are not possible since the L5993
E/A is a voltage mode amplifier (low output im-
pedance). See application ideas for some exam-
ple of compensation techniques.
Pin 7. SS (Soft-Start). At device start-up, a ca-
pacitor (Css) connected between this pin and
SGND (pin 12) is charged by an internal current
generator, ISSC, up to about 7V. During this
ramp, the E/A output is clamped by the voltage
across Css itself and allowed to rise linearly, start-
ing from zero, up to the steady-state value im-
posed by the control loop. The maximum time in-
terval during which the E/A is clamped, referred to
as soft-start time, is approximately:
Tss
≅
3
⋅ Rsense ⋅ IQpk
ISSC
⋅ Css
(6)
where Rsense is the current sense resistor (see pin
13) and IQpk is the switch peak current (flowing
through Rsense), which depends on the output
load. Usually, CSS is selected for a TSS in the or-
der of milliseconds.
As mentioned before, the soft-start intervenes
also in case of severe overload or short circuit on
the output. Referring to fig. 23, pulse-by-pulse
current limitation is somehow effective as long as
the ON-time of the power switch can be reduced
(from A to B). After the minimum ON-time is
reached (from B onwards) the current is out of
control.
To prevent this risk, a comparator trips an over-
current handling procedure, named ’hiccup’ mode
operation, when a voltage above 1.2V (point C) is
detected on current sense input (ISEN, pin 13).
Basically, the IC is turned off and then soft-started
as long as the fault condition is detected. As a re-
sult, the operating point is moved abruptly to D,
creating a foldback effect. Fig. 24 illustrates the
operation.
The oscillation frequency appearing on the soft-
VOUT
TON
D.C.M.
C.C.M.
D
A
B
C
IQpk
TON(min)
1-2 ·IQpk
IQpk(max)
I
OUT
I
SHORT
I
OUT(max)
D97IN495
Figure 23. Regulation characteristic and re-
lated quantities
7V
Thic
time
SHORT
IOUT
ISEN
FAULT
SS
5V
0.5V
D98IN986
Figure 24. Hiccup mode operation.
L5993
10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com