Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5993 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5993
Description  CONSTANT POWER CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5993 Datasheet(HTML) 2 Page - STMicroelectronics

  L5993 Datasheet HTML 1Page - STMicroelectronics L5993 Datasheet HTML 2Page - STMicroelectronics L5993 Datasheet HTML 3Page - STMicroelectronics L5993 Datasheet HTML 4Page - STMicroelectronics L5993 Datasheet HTML 5Page - STMicroelectronics L5993 Datasheet HTML 6Page - STMicroelectronics L5993 Datasheet HTML 7Page - STMicroelectronics L5993 Datasheet HTML 8Page - STMicroelectronics L5993 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (ICC < 50mA) (*)
selflimit
V
IOUT
Output Peak Pulse Current
1.5
A
Analog Inputs & Outputs (6,7)
-0.3 to 8
V
Analog Inputs & Outputs (1,2,3,4,5,15,14, 13, 16)
-0.3 to 6
V
Ptot
Power Dissipation @ Tamb =70
°C (DIP16)
@Tamb =50
°C (SO16)
1
0.83
W
W
Tj
Junction Temperature, Operating Range
-40 to 150
°C
Tstg
Storage Temperature, Operating Range
-55 to 150
°C
(*) maximum package power dissipation limits must be observed
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction -Ambient (DIP16)
Thermal Resistance Junction -Ambient (SO16)
80
120
°C/W
°C/W
PIN FUNCTIONS
N.
Name
Fun ction
1
SYNC
Synchronization. A synchronization pulse terminates the PWM cycle and discharges Ct
2
RCT
Oscillator pin for external Ct,Rt components
3
DC
Duty Cycle control
4
VREF
5.0V +/-1.5% reference voltage at 25
°C
5
VFB
Error Amplifier Inverting input
6
COMP
Error Amplifier Output
7
SS
Soft start pin for external capacitor Css
8VCC
Supply for internal ”Signal” circuitry
9VC
Supply for Power section
10
OUT
High current totem pole output
11
PGND
Power ground
12
SGND
Signal ground
13
ISEN
Current sense
14
DIS
Disable. It must never be left floating. Tie to SGND if not used.
15
DC-LIM
Connecting this pin to Vref, DC is limited to 50%. If it is left floating or grounded no limitation is
imposed
16
C-POWER
Constant Power vs. Switching Frequency. Connect a capacitor to SGND. The pin must be
connected to VREF if not used.
SYNC
RCT
DC
VREF
VFB
SS
COMP
1
3
2
4
5
6
7
OUT
SGND
PGND
ISEN
DIS
DC-LIM
C-POWER
16
15
14
13
12
10
11
D97IN783
VCC
8VC
9
PIN CONNECTION
L5993
2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com