Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet (PDF) - Analog Devices

TLE4941 Datasheet PDF - Analog Devices
Part # TLE4941
Download  TLE4941 Download
File Size   1265.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs

TLE4941 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4941 Datasheet PDF - Analog Devices

Part # TLE4941
Download  TLE4941 Click to download

File Size   1265.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs

TLE4941 Datasheet (HTML) - Analog Devices


TLE4941 Product details

Features
●● Provides Supply Current and Interfaces to Two
2-Wire Hall-Effect Sensors
●● 5.5V to 18V Operating Voltage Range
●● Protects Hall Sensors Against Up to 60V Supply
Transients
●● Low-Power Shutdown for Power Saving
●● Filtered Digital Outputs
●● Analog Output Mirrors the Hall Sensor Current
●● Hall Inputs Protected from Short to Ground
●● Hall Sensor Blanking Following Power-Up and
Restart from Shutdown and Short to Ground
●● Operates with ±3V Ground Shift Between the Hall
Sensor and the MAX9621
●● ±2kV Human Body Model ESD and ±200V Machine
Model ESD at All Pins
●● 3mm x 5mm, 10-Pin μMAX Package




Similar Part No. - TLE4941

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4941-2 INFINEON-TLE4941-2 Datasheet
810Kb / 8P
Differential Two-Wire Hall Effect Sensor IC
February 2002
TLE4941-2C INFINEON-TLE4941-2C Datasheet
810Kb / 8P
Differential Two-Wire Hall Effect Sensor IC
February 2002
TLE4941C INFINEON-TLE4941C Datasheet
853Kb / 11P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
More results


Similar Description - TLE4941

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL700 MICRONAS-HAL700 Datasheet
167Kb / 12P
Dual Hall-Effect Sensor with Independent Outputs
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 14P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
logo
Honeywell Solid State E...
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.2
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com