Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 7 Page - Analog Devices

Part # TLE4941
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941 Datasheet(HTML) 7 Page - Analog Devices

Back Button TLE4941 Datasheet HTML 3Page - Analog Devices TLE4941 Datasheet HTML 4Page - Analog Devices TLE4941 Datasheet HTML 5Page - Analog Devices TLE4941 Datasheet HTML 6Page - Analog Devices TLE4941 Datasheet HTML 7Page - Analog Devices TLE4941 Datasheet HTML 8Page - Analog Devices TLE4941 Datasheet HTML 9Page - Analog Devices TLE4941 Datasheet HTML 10Page - Analog Devices TLE4941 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
(VBAT = 13.6V, RSET = 61.9kΩ, RL = 5kΩ to GND at AOUT_, VSLEEP = 5V, TA = +25ºC, unless otherwise noted.)
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = +25ºC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = +125ºC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = -40ºC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = +25ºC
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
50
40
30
20
10
0.4
0.6
0.8
1.0
0.2
0
60
TA = +125ºC
BAT SUPPLY CURRENT
vs. VBAT IN SHUTDOWN MODE
BAT VOLTAGE (V)
60
40
20
20
40
60
80
100
120
140
160
180
200
0
0
80
TA = +125°C
TA = +25°C AND -40°C
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
20.5
20.0
19.5
0.5
0.6
0.7
0.8
0.9
0.4
19.0
21.0
TA = -40ºC
HALL INPUT CURRENT THRESHOLDS
FOR HIGH/LOW vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
8.8
-40
125
LOW TO HIGH
HIGH TO LOW
HALL INPUT CURRENT
THRESHOLDS vs. VBAT
BAT VOLTAGE (V)
15.5
13.0
8.0
10.5
8.75
9.00
9.25
9.50
10.00
9.75
10.25
10.50
8.50
5.5
18.0
LOW TO HIGH
HIGH TO LOW
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com