Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 11 Page - Analog Devices

Part # TLE4941
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941 Datasheet(HTML) 11 Page - Analog Devices

Back Button TLE4941 Datasheet HTML 7Page - Analog Devices TLE4941 Datasheet HTML 8Page - Analog Devices TLE4941 Datasheet HTML 9Page - Analog Devices TLE4941 Datasheet HTML 10Page - Analog Devices TLE4941 Datasheet HTML 11Page - Analog Devices TLE4941 Datasheet HTML 12Page - Analog Devices TLE4941 Datasheet HTML 13Page - Analog Devices TLE4941 Datasheet HTML 14Page - Analog Devices TLE4941 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Detailed Description
The MAX9621, an interface between two 2-wire Hall-
effect sensors and a low-voltage microprocessor, supplies
and monitors current through IN1 and IN2 to two Hall
sensors.
The MAX9621 complements Maxim’s existing family of
Hall-effect sensor interfaces that includes the MAX9921.
The MAX9621 provides two independent channels with
two outputs for each channel, a digital output, and an
analog output. The digital outputs (DOUT1 and DOUT2)
are open-drain and indicate a logic level that corresponds
to the Hall sensor status. DOUT1 or DOUT2 outputs high
when the current out of IN1 or IN2, respectively, exceeds
the high-input current threshold. DOUT1 or DOUT2
outputs low when the current flowing out of IN1 or IN2,
respectively, is lower than the low-input current threshold.
DOUT1 and DOUT2 provide a time domain output filter
for robust noise immunity. See Figure 2.
The analog outputs (AOUT1 and AOUT2) mirror the cur-
rent flowing out to the corresponding inputs IN1 and IN2
with a nominal gain of 0.05mA/mA.
Hall Sensor Protection
from Supply Transients
The MAX9621 protects the hall sensors from supply
transients by shutting off current at IN1 and IN2 when the
BAT voltage is 18V. The digital outputs go low and analog
outputs have zero output current. When VBAT returns to
the proper operating range, both inputs restart following
a blanking cycle.
PIN
NAME
FUNCTION
6
DOUT2
Open-Drain Output. Signal translated from Hall sensor 2. DOUT2 is high when the current flowing out of
IN2 exceeds the input current threshold high, and is low when less than the input current threshold low. See
Table 1 for output response to operating conditions.
7
AOUT2
Analog Current Output. Mirrors the current to the corresponding Hall sensor at IN2. When IN2 has been
shut down due to a short to GND a current of zero is supplied to AOUT2. See Table 1 for output response to
operating conditions. To obtain a voltage output, connect a resistor from AOUT_ to ground.
8
DOUT1
Open-Drain Output. Signal translated from Hall sensor 1. DOUT1 is high when the current flowing out of
IN1 exceeds the input current threshold high, and is low when less than the input current threshold low. See
Table 1 for output response to operating conditions.
9
AOUT1
Analog Current Output. Mirrors the current to the corresponding Hall sensor at IN1. When IN1 has been
shut down due to a short to GND a current of zero is supplied to AOUT1. See Table 1 for output response to
operating conditions. To obtain a voltage output, connect a resistor from AOUT_ to ground.
10
SLEEP
Sleep Mode Input. The part is placed in sleep mode when the SLEEP input is low for more than 40µs. If the
SLEEP
input is low for less than 20µs and then goes high, the part restarts any Hall input that has been shut
off due to a detected short to GND. Any Hall input that is operational is not affected when SLEEP is cycled
low for less than 20µs. There is an internal 100kΩ pulldown resistance to GND.
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 11
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com