Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 14 Page - Analog Devices

Part # TLE4941
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941 Datasheet(HTML) 14 Page - Analog Devices

Back Button TLE4941 Datasheet HTML 8Page - Analog Devices TLE4941 Datasheet HTML 9Page - Analog Devices TLE4941 Datasheet HTML 10Page - Analog Devices TLE4941 Datasheet HTML 11Page - Analog Devices TLE4941 Datasheet HTML 12Page - Analog Devices TLE4941 Datasheet HTML 13Page - Analog Devices TLE4941 Datasheet HTML 14Page - Analog Devices TLE4941 Datasheet HTML 15Page - Analog Devices TLE4941 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Sleep Mode
Sleep mode can be used in applications that do not continu-
ously require the polling of the Hall sensors. In such cases,
the µP can enable the MAX9621 for a short time, check the
sensor status, and then put the MAX9621 back to sleep. A
blanking period follows upon exiting sleep mode.
Remote Ground
The MAX9621 targets applications with 2-wire Hall-effect
sensors. 2-wire sensors have connections for supply and
ground. The output level is signaled by means of modula-
tion of the current drawn by the Hall sensor from its supply.
The two threshold currents for high/low are generally in the
range of 5mA to 14mA. Thus, the interfacing of a 2-wire
sensor is not simply a matter of detecting two voltage
thresholds, but requires a coarse current-sense function.
Because of the high-side current-sense structure of the
MAX9621, the device is immune to shifts between the
sensor ground, the ground of the MAX9621 and µP. This
ground-shift immunity eliminates the need for a ground-
connection wire, allowing a single-wire interface to the
Hall sensor.
Hall-Effect Sensor Selection
The MAX9621 is optimized for use with 2-wire Hall-effect
switches or with 3-wire Hall-effect switches connected as
2-wire (Figure 5). When using a 3-wire Hall sensor the
resistor R is chosen so that the current drawn by the Hall
sensor crosses the MAX9621 current threshold when
the magnetic threshold of the Hall sensor is exceeded.
A partial list of Hall switches that can be used with the
MAX9621 is given in Table 2.
Input Current Threshold Precision
To get the best input current threshold precision, it is rec-
ommended that the RSET resistor be directly connected
to the BAT pin. A true Kelvin type connection is best.
Figure 5. 3-Wire Hall-Effect Switches Configured as 2-Wire
Table 2. A Partial List of Compatible Hall Switches
PART NO.
MANUFACTURER
WEBSITE
COMMENTS
HAL573-6
Micronas
www.micronas.com
2-wire
HAL556/560/566
Micronas
www.micronas.com
2-wire
HAL579/581/584
Micronas
www.micronas.com
2-wire
A1140/1/2/3
Allegro
www.allegromicro.com
2-wire
A3161
Allegro
www.allegromicro.com
3-wire, optimized for 2-wire
use without added resistor
TLE4941/C
Infineon
www.infineon.com
2-wire
R
VCC
IN_
X
MAX9621
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com