Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 2 Page - Analog Devices

Part # TLE4941
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941 Datasheet(HTML) 2 Page - Analog Devices

  TLE4941 Datasheet HTML 1Page - Analog Devices TLE4941 Datasheet HTML 2Page - Analog Devices TLE4941 Datasheet HTML 3Page - Analog Devices TLE4941 Datasheet HTML 4Page - Analog Devices TLE4941 Datasheet HTML 5Page - Analog Devices TLE4941 Datasheet HTML 6Page - Analog Devices TLE4941 Datasheet HTML 7Page - Analog Devices TLE4941 Datasheet HTML 8Page - Analog Devices TLE4941 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BAT to GND...........................................................-0.3V to +60V
ISET to BAT..........................................................-2.0V to +0.3V
IN1, IN2 to GND ................ -3V to lower of +60V or (VBAT + 1V)
AOUT1, DOUT1, AOUT2, DOUT2,
SLEEP
to GND....................................................-0.3V to +6V
Short-Circuit Duration
AOUT1, DOUT1, AOUT2, DOUT2 to GND
or to 5.5V (individually)........................................Continuous
Current In to IN1, IN2.....................................................±100mA
Current In to Any Other Pin..............................................±20mA
Continuous Power Dissipation for a Single-Layer Board
(TA = +70ºC)
10-Pin μMAX (derate 5.6mW/ºC) above +70ºC .......444.4mW
Continuous Power Dissipation for a Multilayer Board
(TA = +70ºC)
10-Pin μMAX (derate 8.9mW/ºC) above +70ºC .......715.6mW
Operating Temperature Range..........................-40ºC to +125ºC
Junction Temperature......................................................+150ºC
Storage Temperature Range.............................-65ºC to +160ºC
Lead Temperature (soldering, 10s) .................................+300ºC
Soldering Temperature (reflow).......................................+260ºC
PACKAGE TYPE: 10 µMAX
Package Code
U10+2
Outline Number
21-0061
Land Pattern Number
90-0330
THERMAL RESISTANCE, FOUR-LAYER BOARD:
Junction to Ambient (θJA)
112°C/W
Junction to Case (θJC)
37°C/W
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com