Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 5 Page - Analog Devices

Part # TLE4941
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941 Datasheet(HTML) 5 Page - Analog Devices

  TLE4941 Datasheet HTML 1Page - Analog Devices TLE4941 Datasheet HTML 2Page - Analog Devices TLE4941 Datasheet HTML 3Page - Analog Devices TLE4941 Datasheet HTML 4Page - Analog Devices TLE4941 Datasheet HTML 5Page - Analog Devices TLE4941 Datasheet HTML 6Page - Analog Devices TLE4941 Datasheet HTML 7Page - Analog Devices TLE4941 Datasheet HTML 8Page - Analog Devices TLE4941 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
(VBAT = 13.6V, VSLEEP = 5V, IN1 = IN2 = no connection, RSET = 61.9kΩ to BAT, RPU = 10kΩ at DOUT1 and DOUT2, RL = 5kΩ to
GND at AOUT1 and AOUT2, unless otherwise noted, TA = -40ºC to +125ºC. Typical values are at TA = +25ºC.) (Note 1)
Note 1: All DC specifications are 100% production tested at TA = +25°C. AC specifications are guaranteed by design at TA = +25°C.
Note 2: Parameters that change with the value of the RSET resistor: IIH, IIL, IIN_HYS, ISC, tBL, tRAMP, tDEL, fMAX, and PR.
Note 3: Following power-up or startup from sleep mode, the start of the blanking period is delayed 20µs.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SLEEP
Input-Voltage High
VIH
2.0
V
Input-Voltage Low
VIL
0.8
V
Input Resistance to GND
RIN
50
100
kΩ
AC TIMING CHARACTERISTICS
Shutdown Delay from SLEEP
Low to IN_ Shutoff
tSHDN
IIH = -14mA to GND, time from SLEEP low
to IN_ drop 500mV, CL = 20pF
33
40
46
µs
IN_, Blanking Time at Hall
Sensor Power-Up
tBL
IIH = -14mA to GND, time from
VIN_ = 500mV until DOUT_ high, CL =
20pF (Notes 2, 3)
76
89
103
µs
IN_, Current Ramp Rate After
Turn-On
tRAMP
IN_ = GND (Note 2)
3.6
5
6.7
mA/µs
Delay from IN_ to DOUT_
(Filter Delay)
tDEL
From IIH to IIL or from IIL to IIH,
CL = 20pF, Figure 1 (Note 2)
10.8
13.5
16
µs
Delay Difference Between
Rising and Falling Edges of Both
Channels
tDM
CHALL-BYPASS = 0.01µF, IIH = -11.5mA
and IIL = -7.5mA, CL = 20pF
1
µs
Delay Difference Between
Channels
tCC
CHALL-BYPASS = 0.01µF, IIH = -11.5mA
and IIL = -7.5mA, CL = 20pF
500
ns
Maximum Frequency on Hall
Inputs
fMAX
CHALL-BYPASS = 0.01µF, IIH = -11.5mA
and IIL = -7.5mA, CL = 20pF (Note 2)
34
39
kHz
Maximum Analog Output Current
During Short-to-GND Fault
IMAO
-1.4
mA
IN_ Pulse Length Rejected by
Filter to DOUT_
PR
Figure 2 (Note 2)
7.8
11.5
14.6
µs
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 5
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com