Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 9 Page - Analog Devices

Part # TLE4941
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941 Datasheet(HTML) 9 Page - Analog Devices

Back Button TLE4941 Datasheet HTML 5Page - Analog Devices TLE4941 Datasheet HTML 6Page - Analog Devices TLE4941 Datasheet HTML 7Page - Analog Devices TLE4941 Datasheet HTML 8Page - Analog Devices TLE4941 Datasheet HTML 9Page - Analog Devices TLE4941 Datasheet HTML 10Page - Analog Devices TLE4941 Datasheet HTML 11Page - Analog Devices TLE4941 Datasheet HTML 12Page - Analog Devices TLE4941 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
(VBAT = 13.6V, RSET = 61.9kΩ, RL = 5kΩ to GND at AOUT_, VSLEEP = 5V, TA = +25ºC, unless otherwise noted.)
CURRENT GAIN vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.04
0.05
0.06
0.07
0.03
8.00
10.50 13.00
15.50
18.00
5.50
CURRENT GAIN vs. TEMPERATURE
TEMPERATURE (ºC)
100
75
50
25
0
-25
0.04
0.05
0.06
0.07
0.03
-50
125
MAX9621 toc21
VIN1
IIN1
VAOUT1
400ns/div
RESPONSE TO SHORT TO GROUND
MAX9621 toc22
VAOUT1
VIN1
IIN1
VDOUT1
100µs/div
REENERGIZING OF THE HALL INPUT
FROM OPEN-CIRCUIT CONDITION
MAX9621 toc23
VIN1
VSLEEP
IIN1
VAOUT1
10µs/div
STARTUP OF IN_/AOUT_
FROM SHUTDOWN
MAX9621 toc24
VIN1
VSLEEP
IIN1
VDOUT1
20µs/div
STARTUP OF IN_/DOUT_
FROM SHUTDOWN
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
Maxim Integrated │ 9
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com