Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9737 Datasheet (PDF) - Analog Devices

MAX9737 Datasheet PDF - Analog Devices
Part # MAX9737
Download  MAX9737 Download
File Size   357.71 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 7W Class D Amplifier

MAX9737 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9737 Datasheet PDF - Analog Devices

Part # MAX9737
Download  MAX9737 Click to download

File Size   357.71 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 7W Class D Amplifier

MAX9737 Datasheet (HTML) - Analog Devices


MAX9737 Product details

Features
♦ 8V to 28V Supply Voltage Range
♦ Spread-Spectrum Modulation Enables Low-EMI
Solution
♦ Passes EMI Limit with Up to 1m of Speaker Cable
♦ High 80dB PSRR
♦ Up to 88% Efficiency Eliminates Heatsink
♦ Thermal and Output Current Protection
♦ < 1μA Shutdown Mode
♦ Click-and-Pop Suppression
♦ < 10ms Turn-On Time
♦ Space-Saving, 4mm x 4mm x 0.8mm, 24-Pin TQFN
Package




Similar Part No. - MAX9737

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9737 MAXIM-MAX9737 Datasheet
347Kb / 13P
Mono 7W Class D Amplifier
Rev 0; 10/08
MAX9737 MAXIM-MAX9737 Datasheet
162Kb / 7P
Class D Output Filter for Ease of Evaluation
Rev 0; 12/08
MAX9737ETG+ MAXIM-MAX9737ETG+ Datasheet
347Kb / 13P
Mono 7W Class D Amplifier
Rev 0; 10/08
MAX9737EVKIT MAXIM-MAX9737EVKIT Datasheet
162Kb / 7P
Class D Output Filter for Ease of Evaluation
Rev 0; 12/08
MAX9737EVKIT+ MAXIM-MAX9737EVKIT+ Datasheet
162Kb / 7P
Class D Output Filter for Ease of Evaluation
Rev 0; 12/08
More results


Similar Description - MAX9737

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
7W MONO BRIDGE AMPLIFIER
1998-Aug
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
logo
Maxim Integrated Produc...
MAX9737 MAXIM-MAX9737 Datasheet
347Kb / 13P
Mono 7W Class D Amplifier
Rev 0; 10/08
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Rohm
BD5427EFS ROHM-BD5427EFS Datasheet
434Kb / 16P
7W7W Class-D Speaker Amplifier for Analog Input
BD5427MUV ROHM-BD5427MUV Datasheet
369Kb / 16P
7W7W Class-D Speaker Amplifier for Analog Input
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com