Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135G Datasheet (PDF) - STMicroelectronics

STA8135G Datasheet PDF - STMicroelectronics
Part # STA8135G
Download  STA8135G Download
File Size   2662.2 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver

STA8135G Datasheet (PDF)

Go To PDF Page Download Datasheet
STA8135G Datasheet PDF - STMicroelectronics

Part # STA8135G
Download  STA8135G Click to download

File Size   2662.2 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver

STA8135G Datasheet (HTML) - STMicroelectronics


STA8135G Product details

Features
• STMicroelectronics 5th generation positioning receiver with 80 tracking channels and 4 fast acquisition channels compatible with 6 constellations: GPS, Galileo, GLONASS, BeiDou, QZSS, NAVIC (former IRNSS)
• Triple band L1, L2, L5, E6 and L-band single package solution
• SBAS systems: WAAS, EGNOS, MSAS, GAGAN, BeiDou
• Code phase, carrier phase, doppler frequency measurement
• Antenna sensing
• PPS output
• Notch filter for anti-jamming
• ARM® Cortex® M7 core:
– Maximum clock frequency 314 MHz
– 16 kB I-cache and 16 kB D-cache
– 64 kB I-TCM and 384 kB D-TCM, core clock speed
– Nested vector interrupt controller
– JTAG debugging capability
– 256 Kbyte system RAM
• 32-channel DMA
• Memory interfaces:
– SFC (Octal/Quad serial flash controller, SDR)
– SD multimedia card
• Serial interfaces:
– 3 x UART
– Synchronous serial port (SPI supported)
– I2C
– 2x multimode serial interfaces
– 2x CAN controllers
• Core peripherals:
– 2x multi-timer units
– Watchdog timer
– 1x extended function timers
– 32 kHz oscillator real-time clock
– AES decipher hardware accelerator
• Power management unit, with separate power supply domain and on-chip LDO and high voltage/low voltage monitors:
– Backup voltage domain 1.62 to 3.6 V with LDO for always-on core supply and HV/LV detectors, and dedicated IO-ring0
– Main voltage domain 1.62 to 3.6 V with LDO for switchable logic domain and HV/LV detectors for 85 °C maximum ambient temperature operations
– Separate RF domain with dedicated LDO
– IO-ring1 1.8 or 3.3 V capable, and dedicated 1.8 V LDO
– IO-ring2 3.3 V ±10% capable
– Fail-safe GPIOs available
• Secure-digital multimedia memory card interfaces (SDMMC)
• USB 2.0 full speed (12 Mb/s) with integrated physical layer transceiver
• ESD: 2 kV (HBM) and 500 V (CDM)

Description
The STA8135G is part of the Teseo V family and it is a multi-band multi-constellation positioning receiver IC able to manage all the GNSS constellations such as GPS, Galileo, GLONASS, BeiDou, NAVIC (former IRNSS) and QZSS, in L1, L2, L5, and E6 frequency bands.




Similar Part No. - STA8135G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8135GA STMICROELECTRONICS-STA8135GA Datasheet
484Kb / 29P
Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
October 2021 Rev 1
More results


Similar Description - STA8135G

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L26-DR QUECTEL-L26-DR Datasheet
362Kb / 2P
Compact Multi-Constellation GNSS Module with DR Function
LC79D QUECTEL-LC79D Datasheet
1Mb / 2P
Ultra-Small Dual-Band Multi-Constellation GNSS Module
logo
STMicroelectronics
STA8100GA STMICROELECTRONICS-STA8100GA Datasheet
1,001Kb / 42P
Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
STA8135GA STMICROELECTRONICS-STA8135GA Datasheet
484Kb / 29P
Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
October 2021 Rev 1
STA9100MGA STMICROELECTRONICS-STA9100MGA Datasheet
76Kb / 3P
Automotive TeseoAPP (ASIL Precise Positioning) Family Multi Band GNSS Precise Measurement Engine receiver
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC51818GMGGB YIC-YIC51818GMGGB Datasheet
506Kb / 16P
Multi-Constellation GNSS Antenna Module
YIC-GR-504GGB YIC-YIC-GR-504GGB Datasheet
975Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
YIC-GT-504GGB YIC-YIC-GT-504GGB Datasheet
1Mb / 17P
Multi-Constellation GNSS Receiver (G-Mouse)
YIC-GU-504GGB YIC-YIC-GU-504GGB Datasheet
925Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com